Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQFL-28E-7R5S Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # MQFL-28E-7R5S
Description  HIGH RELIABILITY DC-DC CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQFL-28E-7R5S Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  MQFL-28E-7R5S Datasheet HTML 1Page - SynQor Worldwide Headquarters MQFL-28E-7R5S Datasheet HTML 2Page - SynQor Worldwide Headquarters MQFL-28E-7R5S Datasheet HTML 3Page - SynQor Worldwide Headquarters MQFL-28E-7R5S Datasheet HTML 4Page - SynQor Worldwide Headquarters MQFL-28E-7R5S Datasheet HTML 5Page - SynQor Worldwide Headquarters MQFL-28E-7R5S Datasheet HTML 6Page - SynQor Worldwide Headquarters MQFL-28E-7R5S Datasheet HTML 7Page - SynQor Worldwide Headquarters MQFL-28E-7R5S Datasheet HTML 8Page - SynQor Worldwide Headquarters MQFL-28E-7R5S Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Product # MQFL-28E-7R5S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005157 Rev. 1
04/30/09
Page 3
Output:
Current:
7.5V
16A
MQFL-28E-7R5S
Technical Specification
MQFL-28E-7R5S ELECTRICAL CHARACTERISTICS
Parameter
Min. Typ. Max. Units Notes & Conditions
Group A
Vin=28V dc ±5%, Iout=16A, CL=0µF, free running (see Note 10)
unless otherwise specified
Subgroup
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
Operating
100
V
See Note 1
Reverse Bias (Tcase = 125ºC)
-0.8
V
Reverse Bias (Tcase = -55ºC)
-1.2
V
Isolation Voltage (I/O to case, I to O)
Continuous
-500
500
V
Transient (≤100µs)
-800
800
V
Operating Case Temperature
-55
135
°C
See Note 2
Storage Case Temperature
-65
135
°C
Lead Temperature (20s)
300
°C
Voltage at ENA1, ENA2
-1.2
50
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
16
28
70
V
Continuous
1, 2, 3
"
16
28
80
V
Transient, 1s
4, 5, 6
Input Under-Voltage Lockout
See Note 3
Turn-On Voltage Threshold
14.75
15.50
16.00
V
1, 2, 3
Turn-Off Voltage Threshold
13.80
14.40
15.00
V
1, 2, 3
Lockout Voltage Hysteresis
0.50
1.10
1.80
V
1, 2, 3
Input Over-Voltage Shutdown
See Note 15
Turn-Off Voltage Threshold
90
95
100
V
1,3
Turn-On Voltage Threshold
82
86
90
V
1,3
Shutdown Voltage Hysteresis
3
9
15
V
1,3
Maximum Input Current
9.5
A
Vin = 16V; Iout = 16A
1, 2, 3
No Load Input Current (operating)
110
160
mA
1, 2, 3
Disabled Input Current (ENA1)
2
5
mA
Vin = 16V, 28V, 70V
1, 2, 3
Disabled Input Current (ENA2)
25
50
mA
Vin = 16V, 28V, 70V
1, 2, 3
Input Terminal Current Ripple (pk-pk)
40
60
mA
Bandwidth = 100kHz – 10MHz; see Figure 14
1, 2, 3
OUTPUT CHARACTERISTICS
Output Voltage Set Point (Tcase = 25ºC)
7.42
7.50
7.58
V
Vout at sense leads
1
Output Voltage Set Point Over Temperature
7.4
7.50
7.6
V
"
2, 3
Output Voltage Line Regulation
-20
0
20
mV
" ; Vin = 16V, 28V, 70V; Iout=16A
1, 2, 3
Output Voltage Load Regulation
25
35
45
mV
" ; Vout @ (Iout=0A) - Vout @ (Iout=16A)
1, 2, 3
Total Output Voltage Range
7.35
7.50
7.65
V
"
1, 2, 3
Output Voltage Ripple and Noise Peak to Peak
20
40
mV
Bandwidth = 10MHz; CL=11µF
1, 2, 3
Operating Output Current Range
0
16
A
1, 2, 3
Operating Output Power Range
0
120
W
1, 2, 3
Output DC Current-Limit Inception
16.5
18
20
A
See Note 4
1, 2, 3
Short Circuit Output Current
16.5
19
22.7
A
Vout ≤ 1.2V
1, 2, 3
Back-Drive Current Limit while Enabled
5
A
1, 2, 3
Back-Drive Current Limit while Disabled
10
50
mA
1, 2, 3
Maximum Output Capacitance
5,000
µF
See Note 5
DYNAMIC CHARACTERISTICS
Output Voltage Deviation Load Transient
See Note 6
For a Pos. Step Change in Load Current
-550
-350
mV
Total Iout step = 8A‹-›16A, 1.6A‹-›8A; CL=11µF
4, 5, 6
For a Neg. Step Change in Load Current
350
550
mV
"
4, 5, 6
Settling Time (either case)
100
250
µs
See Note 7
4, 5, 6
Output Voltage Deviation Line Transient
Vin step = 16V‹-›50V; CL=11µF; see Note 8
For a Pos. Step Change in Line Voltage
-500
500
mV
"
4, 5, 6
For a Neg. Step Change in Line Voltage
-500
500
mV
"
4, 5, 6
Settling Time (either case)
250
500
µs
See Note 7
See Note 5
Turn-On Transient
Output Voltage Rise Time
6
10
ms
Vout = 0.75 V -› 6.75 V
4, 5, 6
Output Voltage Overshoot
0
2
%
See Note 5
Turn-On Delay, Rising Vin
5.5
8.0
ms
ENA1, ENA2 = 5V; see Notes 9 & 12
4, 5, 6
Turn-On Delay, Rising ENA1
3.0
6.0
ms
ENA2 = 5V; see Note 12
4, 5, 6
Turn-On Delay, Rising ENA2
1.5
3.0
ms
ENA1 = 5V; see Note 12
4, 5, 6
EFFICIENCY
Iout = 16A (16Vin)
TBD
89
%
1, 2, 3
Iout = 8A (16 Vin)
TBD
91
%
1, 2, 3
Iout = 16A (28Vin)
TBD
89
%
1, 2, 3
Iout = 8A (28Vin)
TBD
90
%
1, 2, 3
Iout = 16A (40Vin)
TBD
87
%
1, 2, 3
Iout = 8A (40Vin)
TBD
89
%
1, 2, 3
Iout = 16A (70Vin)
TBD
84
%
1, 2, 3
Load Fault Power Dissipation
18
32
W
Iout at current limit inception point; See Note 4
1, 2, 3
Short Circuit Power Dissipation
20
33
W
Vout ≤ 1.2V
1, 2, 3


Similar Part No. - MQFL-28E-7R5S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28E-05S SYNQOR-MQFL-28E-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28E-05S-Y-ES SYNQOR-MQFL-28E-05S-Y-ES Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28E-06S SYNQOR-MQFL-28E-06S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28E-06S-Y-ES SYNQOR-MQFL-28E-06S-Y-ES Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28E-09S SYNQOR-MQFL-28E-09S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - MQFL-28E-7R5S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com