Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ0400MU48UQCFD Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # AQ0400MU48UQCFD
Description  Medical Grade AC/DC Power Supply With PFC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ0400MU48UQCFD Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  AQ0400MU48UQCFD Datasheet HTML 1Page - SynQor Worldwide Headquarters AQ0400MU48UQCFD Datasheet HTML 2Page - SynQor Worldwide Headquarters AQ0400MU48UQCFD Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ0400MU48UQCFD Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ0400MU48UQCFD Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ0400MU48UQCFD Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ0400MU48UQCFD Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ0400MU48UQCFD Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ0400MU48UQCFD Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product # AQ0400MUxx Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005045 Rev. A
09/08/08
Page 1
Configurations
•400WEncasedorOpenFrame
•800WEncasedFlatorStacked
•1200WEncasedFlatorStacked
1200 W Encased Stacked
400 W Encased
400 W Open Frame
800 W Encased Flat
Technical
Specification
400 W Single VoutSeries
Medical Grade AC/DC Power Supply With PFC
85-264 Vrms
12/24/36/48 V
400 W
500 W
Up to 91 %
Input Voltage
Semi-Regulated Output
Output Continuous
Output Transient Full Load Efficiency
• High efficiency (91% for 48 VOUT Model at 400 W)
• Universal input voltage range
• Semi-regulated output for bus stability
• Parallel operation supported
• Integral fan cooling with speed control
• Active PFC; EN61000-3-2 compliant
• Low leakage; EN60601-1 compliant
• Low noise; EN55011 / EN55022 Class B compliant
• Over–current, over–voltage, and over–temp
protection
• DC Power Good / AC Power Good signals
• Remote enable input
• Fan status output / Fan enable input
• Small size: 3" x 5" x 1.45" (open frame)
• RoHS 6/6 compliant
• 5 V (250 mW) standby output
400 W Single Vout Series Features


Similar Part No. - AQ0400MU48UQCFD

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0400MU4TEABF SYNQOR-AQ0400MU4TEABF Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU4TEACF SYNQOR-AQ0400MU4TEACF Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU4TEACFD SYNQOR-AQ0400MU4TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU4TECBF SYNQOR-AQ0400MU4TECBF Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU4TECCF SYNQOR-AQ0400MU4TECCF Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
More results

Similar Description - AQ0400MU48UQCFD

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0300MU12EACFD SYNQOR-AQ0300MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0500MU12EQCFD SYNQOR-AQ0500MU12EQCFD Datasheet
2Mb / 11P
   Medical Grade AC/DC Power Supply With PFC
AQ0300MU2TEACFD SYNQOR-AQ0300MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU2TEACFD SYNQOR-AQ0400MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ1500MU1TTQCFD SYNQOR-AQ1500MU1TTQCFD Datasheet
2Mb / 11P
   Medical Grade AC/DC Power Supply With PFC
AQ1500IU1TTQIND SYNQOR-AQ1500IU1TTQIND Datasheet
2Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU2TEAIND SYNQOR-AQ0400IU2TEAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU24EAIND SYNQOR-AQ0400IU24EAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ1000IU12RQIND SYNQOR-AQ1000IU12RQIND Datasheet
5Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
logo
ULTRA LEVEL TECH CO., L...
PRL1103 ULC-PRL1103 Datasheet
332Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com