Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ0500MU48TCCFD Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # AQ0500MU48TCCFD
Description  Medical Grade AC/DC Power Supply With PFC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ0500MU48TCCFD Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  AQ0500MU48TCCFD Datasheet HTML 1Page - SynQor Worldwide Headquarters AQ0500MU48TCCFD Datasheet HTML 2Page - SynQor Worldwide Headquarters AQ0500MU48TCCFD Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ0500MU48TCCFD Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ0500MU48TCCFD Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ0500MU48TCCFD Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ0500MU48TCCFD Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ0500MU48TCCFD Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ0500MU48TCCFD Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AC Input:
DC Output:
Power:
Grade:
85-264 VRMS
12/24/36/48V Semi-reg.
500 W Series
Medical
Technical Specification
Product # AQ0500MUxx Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005046 Rev. 1
09/04/08
Page 3
PRELIMINARY
16.5
18.75
Continuous
31.5
33.0
34.5
36.0
37.5
39.0
40.5
0
3
6
9
12
15
18
21
Output Load (A)
44
50
Continuous
10.5
11.0
11.5
12.0
12.5
13.0
13.5
0
6
12
18
24
30
36
42
48
54
60
Output Load (A)
Figure 2: 12 VOUT droop characteristics.
Figure 4: 24 VOUT droop characteristics.
Figure 6: 36 VOUT droop characteristics.
Figure 1: 12 VOUT efficiency curves.
Figure 3: 24 VOUT efficiency curves.
Figure 5: 36 VOUT efficiency curves.
EFFICIENCY, DERATING, AND VOUT DROOP CURVES
65
70
75
80
85
90
95
100
0
100
200
300
400
500
600
700
Output Power (W)
115 Vrms
230 Vrms
65
70
75
80
85
90
95
100
0
100
200
300
400
500
600
700
Output Power (W)
115 Vrms
230 Vrms
65
70
75
80
85
90
95
100
0
100
200
300
400
500
600
700
Output Power (W)
115 Vrms
230 Vrms
22
25
Continuous
21
22
23
24
25
26
27
0
6
12
18
24
30
Output Load (A)


Similar Part No. - AQ0500MU48TCCFD

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0500IUXT SYNQOR-AQ0500IUXT Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ0500IUXX SYNQOR-AQ0500IUXX Datasheet
3Mb / 12P
   Integral fan cooling with speed control
More results

Similar Description - AQ0500MU48TCCFD

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0300MU12EACFD SYNQOR-AQ0300MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU12EACFD SYNQOR-AQ0400MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0300MU2TEACFD SYNQOR-AQ0300MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU2TEACFD SYNQOR-AQ0400MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ1500MU1TTQCFD SYNQOR-AQ1500MU1TTQCFD Datasheet
2Mb / 11P
   Medical Grade AC/DC Power Supply With PFC
AQ1500IU1TTQIND SYNQOR-AQ1500IU1TTQIND Datasheet
2Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU2TEAIND SYNQOR-AQ0400IU2TEAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU24EAIND SYNQOR-AQ0400IU24EAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ1000IU12RQIND SYNQOR-AQ1000IU12RQIND Datasheet
5Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
logo
ULTRA LEVEL TECH CO., L...
PRL1103 ULC-PRL1103 Datasheet
332Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com