Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC4501AID Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC4501AID
Description  FAMILY OF SELF-CALIBRATING Self-CalE PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC4501AID Datasheet(HTML) 4 Page - Texas Instruments

  TLC4501AID Datasheet HTML 1Page - Texas Instruments TLC4501AID Datasheet HTML 2Page - Texas Instruments TLC4501AID Datasheet HTML 3Page - Texas Instruments TLC4501AID Datasheet HTML 4Page - Texas Instruments TLC4501AID Datasheet HTML 5Page - Texas Instruments TLC4501AID Datasheet HTML 6Page - Texas Instruments TLC4501AID Datasheet HTML 7Page - Texas Instruments TLC4501AID Datasheet HTML 8Page - Texas Instruments TLC4501AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TLC4501, TLC4501A, TLC4502, TLC4502A
FAMILY OF SELF-CALIBRATING (Self-Cal
™)
PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS221A – MAY 1998 – REVISED JULY 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V, GND = 0 (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
TLC450xC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
TLC4501
–80
10
80
VIO
Input offset voltage
VDD = ± 2.5 V, VO = 0,
TLC4501A
Full range
–40
10
40
µV
VIO
Input offset voltage
DD
,
VIC = 0,
O
,
RS = 50 Ω
TLC4502
Full range
–100
10
100
µV
TLC4502A
–50
10
50
αVIO
Temperature coefficient of input
Full range
1
µV/°C
αVIO
offset voltage
Full range
1
µV/°C
IIO
Input offset current
VDD = ± 2.5 V, VO = 0,
25
°C
1
pA
IIO
Input offset current
VDD ± 2.5 V,
VIC = 0,
VO 0,
RS = 50 Ω
Full range
500
pA
IIB
Input bias current
25
°C
1
pA
IIB
Input bias current
Full range
500
pA
IOH = – 500 µA
25
°C
4.99
VOH
High-level output voltage
IOH =5 mA
25
°C
4.9
V
IOH = – 5 mA
Full range
4.7
VIC = 2.5 V,
IOL = 500 µA
25
°C
0.01
VOL
Low-level output voltage
VIC =2 5V
IOL =5mA
25
°C
0.1
V
VIC = 2.5 V,
IOL = 5 mA
Full range
0.3
AVD
Large-signal differential voltage
VIC = 2.5 V,
VO = 1 V to 4 V,
25
°C
200
1000
V/mV
AVD
gg
g
amplification
IC
,
RL = 1 kΩ,
O
,
See Note 4
Full range
200
V/mV
RI(D)
Differential input resistance
25
°C
10
k
RL
Input resistance
See Note 4
25
°C
1012
CL
Common-mode input capacitance
f = 10 kHz,
P package
25
°C
8
pF
zO
Closed-loop output impedance
AV = 10,
f = 100 kHz
25
°C
1
CMRR
Common mode rejection ratio
VIC = 0 to 2.7 V, VO = 2.5 V,
25
°C
90
100
dB
CMRR
Common-mode rejection ratio
IC
,
O
,
RS = 1 kΩ
Full range
85
dB
kSVR
Supply-voltage rejection ratio
VDD =4Vto6V VIC = 0 No load
25
°C
90
100
dB
kSVR
yg
j
(
∆VDD ±/∆VIO)
VDD = 4 V to 6 V, VIC = 0, No load
Full range
90
dB
TLC4501/A
25
°C
1
1.5
IDD
Supply current
VO =2 5V
No load
TLC4501/A
Full range
2
mA
IDD
Supply current
VO = 2.5 V,
No load
TLC4502/A
25
°C
2.5
3.5
mA
TLC4502/A
Full range
4
VIT(CAL) Calibration input threshold voltage
Full range
4
V
VIT(CAL) Calibration input threshold voltage
Full range
4
V
† Full range is 0
°C to 70°C.
NOTE 4: RL and CL values are referenced to 2.5 V.


Similar Part No. - TLC4501AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC4501AID TI1-TLC4501AID Datasheet
978Kb / 39P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLC4501AID TI1-TLC4501AID Datasheet
1Mb / 38P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING (Self-Cal) PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLC4501AIDG4 TI1-TLC4501AIDG4 Datasheet
978Kb / 39P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLC4501AIDR TI1-TLC4501AIDR Datasheet
978Kb / 39P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLC4501AIDR TI1-TLC4501AIDR Datasheet
1Mb / 38P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING (Self-Cal) PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC4501AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC4501 TI1-TLC4501_16 Datasheet
1Mb / 38P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING (Self-Cal) PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLC4502IDR TI1-TLC4502IDR Datasheet
978Kb / 39P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
   Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com