Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQFL-28-05D Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # MQFL-28-05D
Description  HIGH RELIABILITY DC-DC CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQFL-28-05D Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button MQFL-28-05D Datasheet HTML 6Page - SynQor Worldwide Headquarters MQFL-28-05D Datasheet HTML 7Page - SynQor Worldwide Headquarters MQFL-28-05D Datasheet HTML 8Page - SynQor Worldwide Headquarters MQFL-28-05D Datasheet HTML 9Page - SynQor Worldwide Headquarters MQFL-28-05D Datasheet HTML 10Page - SynQor Worldwide Headquarters MQFL-28-05D Datasheet HTML 11Page - SynQor Worldwide Headquarters MQFL-28-05D Datasheet HTML 12Page - SynQor Worldwide Headquarters MQFL-28-05D Datasheet HTML 13Page - SynQor Worldwide Headquarters MQFL-28-05D Datasheet HTML 14Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Product # MQFL-28-05D
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2MQ050D Rev. B
09/03/08
Page 10
Technical Specification
Output:
Current:
±5 V
24 A Total
MQFL-28-05D
0.01
0.1
1
10
100
10
100
1,000
10,000
100,000
Hz
16Vin
28Vin
40Vin
Figure 31: Magnitude of incremental input impedance (Zin = vin/iin)
for minimum, nominal, and maximum input voltage at full rated power
with 50% / 50% split.
Figure 32: High frequency conducted emissions of standalone MQFL-
28-05S, 5Vout module at 120W output, as measured with Method CE102.
Limit line shown is the ‘Basic Curve’ for all applications with a 28V source.
Figure 33: High frequency conducted emissions of MQFL-28-05S, 5Vout mod-
ule at 120W output with MQFL-28-P filter, as measured with Method CE102.
Limit line shown is the ‘Basic Curve’ for all applications with a 28V source.


Similar Part No. - MQFL-28-05D

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28-05S SYNQOR-MQFL-28-05S Datasheet
661Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
More results

Similar Description - MQFL-28-05D

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com