Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCOTS-C-28-48-HP-N-S Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # MCOTS-C-28-48-HP-N-S
Description  MILITARY COTS DC/DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MCOTS-C-28-48-HP-N-S Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button MCOTS-C-28-48-HP-N-S Datasheet HTML 2Page - SynQor Worldwide Headquarters MCOTS-C-28-48-HP-N-S Datasheet HTML 3Page - SynQor Worldwide Headquarters MCOTS-C-28-48-HP-N-S Datasheet HTML 4Page - SynQor Worldwide Headquarters MCOTS-C-28-48-HP-N-S Datasheet HTML 5Page - SynQor Worldwide Headquarters MCOTS-C-28-48-HP-N-S Datasheet HTML 6Page - SynQor Worldwide Headquarters MCOTS-C-28-48-HP-N-S Datasheet HTML 7Page - SynQor Worldwide Headquarters MCOTS-C-28-48-HP-N-S Datasheet HTML 8Page - SynQor Worldwide Headquarters MCOTS-C-28-48-HP-N-S Datasheet HTML 9Page - SynQor Worldwide Headquarters MCOTS-C-28-48-HP-N-S Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Product # MCOTS-C-28-48-HP
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005281 Rev. 1
06/16/09
Page 6
Output:
Current:
48V
4A
MCOTS-C-28-48-HP
Technical Specification
Figure 9: Trim graph for trim-up, trim down.
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
Load Current (% )
Vin min
Vin nom
Vin max
Typical Current Limit Inception Point
Typical Output Voltage at Shutdown
Figure 7: Typical startup waveform. Input voltage pre-applied, ON/OFF
Pin on Ch 2.
Figure 8: Output voltage vs. load current showing typical current limit
curves and converter shutdown points.
10.0
100.0
1,000.0
10,000.0
100,000.0
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20
Trim Up
Trim Down
Nominal Vout
5.00


Similar Part No. - MCOTS-C-28-48-HP-N-S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MCOTS-C-28-48-QT SYNQOR-MCOTS-C-28-48-QT Datasheet
989Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-48-QT-N-S SYNQOR-MCOTS-C-28-48-QT-N-S Datasheet
989Kb / 13P
   MILITARY COTS DC/DC CONVERTER
More results

Similar Description - MCOTS-C-28-48-HP-N-S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MCOTS-C-28-48-QT SYNQOR-MCOTS-C-28-48-QT Datasheet
989Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-15-HP SYNQOR-MCOTS-C-28-15-HP Datasheet
1,013Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-12-HP SYNQOR-MCOTS-C-28-12-HP Datasheet
1,006Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-24-QT SYNQOR-MCOTS-C-28-24-QT Datasheet
999Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-15-QT SYNQOR-MCOTS-C-28-15-QT Datasheet
982Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-05-HP SYNQOR-MCOTS-C-28-05-HP Datasheet
1,000Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-05-QT SYNQOR-MCOTS-C-28-05-QT Datasheet
947Kb / 13P
   Military COTS DC/DC Converters
logo
Powerbox
MI-J2Z-IJ POWERBOX-MI-J2Z-IJ Datasheet
782Kb / 1P
   10-50 WATTS MILITARY COTS DC/DC CONVERTER
MI-LJ2Z-IJ POWERBOX-MI-LJ2Z-IJ Datasheet
635Kb / 1P
   10-150 WATTS MILITARY COTS DC/DC CONVERTER
MI-200 POWERBOX-MI-200 Datasheet
724Kb / 1P
   50-100 WATTS MILITARY COTS DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com