Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ24500HZD10NRS-G Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # IQ24500HZD10NRS-G
Description  Half-brick DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ24500HZD10NRS-G Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  IQ24500HZD10NRS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ24500HZD10NRS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ24500HZD10NRS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ24500HZD10NRS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ24500HZD10NRS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ24500HZD10NRS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ24500HZD10NRS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ24500HZD10NRS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ24500HZD10NRS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Input:
Output:
Current:
Package:
18-36 V
50 V
10 A (500 W)
Half-brick
Technical Specification
ELECTRICAL CHARACTERISTICS (Continued)
Parameter
# Units
Test Conditions
QUALIFICATION TESTING
LifeTest
32
95%ratedVinandload,unitsatderatingpoint,1000hours
Vibration
5
10-55Hzsweep,0.060"totalexcursion,1min./sweep,120sweepsfor3axis
MechanicalShock
5
100gminimum,2dropsinxandyaxis,1dropinzaxis
TemperatureCycling
10
-40°Cto100°C,unittemp.ramp15°C/min.,500cycles
Power/ThermalCycling
5
Toperating=mintomax,Vin=mintomax,fullload,100cycles
DesignMarginality
5
Tmin-10°CtoTmax+10°C,5°Csteps,Vin=mintomax,0-105%load
Humidity
5
85°C,85%RH,1000hours,continuousVinappliedexcept5min/day
Solderability
15pins
MIL-STD-883,method2003
Parameter
Notes & Conditions
STANDARDS COMPLIANCE
UL60950-1:2003
BasicInsulation
CAN/CSA-C22.2No.60950-1:2003
EN60950-1:2001
CEMarked
2006/95/ECLowVoltageDirective
IEC61000-4-2
ESDtest,8kV-NP,15kVair-NP(NormalPerformance)
Note:Anexternalinputfusemustalwaysbeusedtomeetthesesafetyrequirements.ContactSynQorforofficialsafetycertificatesonnew
releasesordownloadfromtheSynQorwebsite.
Standards compliance and Qualification Testing
Product # IQ24500HZx10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-HZC2450 Rev. D
06/16/09
Page 4
Parameter P
Min.
Typ.
Max.
Units Notes & Conditions
FEATURE CHARACTERISTICS
Switching Frequency Regulation Stage
232
235
237
kHz
Over sample, temp & life
Switching Frequency Isolation Stage
116.0
117.5
118.5
kHz
Over sample, temp & life
ON/OFF Control (Option N)
Off-State Voltage
4.0
18
V
On-State Voltage
-2
1.0
V
ON/OFF Control
ON/OFF Control Hysteresis
1.5
V
Pull-Up Voltage
4.75
5.00
5.25
V
Pull Up Resistance
10
kW
Output Voltage Trim Range
-50
+10
%
Measured across Pins 9 & 5; see trim section
Output Over-Voltage Protection
113
118
123
%
Over full temp range; % of nominal Vout
Over-Temperature Shutdown
120
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
TBD
106 Hrs. TR-NWT-000332; 80% load,300LFM, 40ºC Ta
Calculated MTBF (MIL-217)
TBD
106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40ºC Ta
Field Demonstrated MTBF
106 Hrs. See website for details


Similar Part No. - IQ24500HZD10NRS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ24500HZC10NRS SYNQOR-IQ24500HZC10NRS Datasheet
969Kb / 12P
   Half-brick DC-DC Converter
More results

Similar Description - IQ24500HZD10NRS-G

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com