Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FG2000JV-90DA Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # FG2000JV-90DA
Description  HIGH POWER INVERTER USE PRESS PACK TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FG2000JV-90DA Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  FG2000JV-90DA Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FG2000JV-90DA Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FG2000JV-90DA Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FG2000JV-90DA Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
APPLICATION
Inverters, Converters, DC choppers, Induction heating, DC to DC converters.
OUTLINE DRAWING
Dimension in mm
MITSUBISHI GATE TURN-OFF THYRISTORS
FG2000JV-90DA
HIGH POWER INVERTER USE
PRESS PACK TYPE
FG2000JV-90DA
A
A
A
kA
A2s
A/
µs
V
V
A
A
W
kW
W
W
°C
°C
kN
g
ITQRM
IT(RMS)
IT(AV)
ITSM
I2t
diT/dt
VFGM
VRGM
IFGM
IRGM
PFGM
PRGM
PFG(AV)
PRG(AV)
Tj
Tstg
2000
940
600
13
7
× 105
500
10
17
50
700
250
23.8
50
150
–40 ~ +125
–40 ~ +150
18 ~ 24
760
VRRM
VRSM
VR(DC)
VDRM
VDSM
VD(DC)
V
V
V
V
V
V
90DA
17
17
17
4500
4500
3600
+ : VGK = –2V
AUXILIARY CATHODE
CONNECTOR (RED)
356 ± 8
GATE (WHITE)
φ 3.5 ± 0.2 DEPTH 2.2 ± 0.2
CATHODE
TYPE NAME
ANODE
φ 63 ± 0.5
φ 63 ± 0.5
φ 93 max
φ 3.5 ± 0.2 DEPTH 2.2 ± 0.2
¡ITQRM Repetitive controllable on-state current ............. 2000A
¡IT(AV)
Average on-state current ...................... 600A
¡VDRM Repetitive peak off state voltage ........ 4500V
¡Anode short type
MAXIMUM RATINGS
Voltage class
Symbol
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
DC reverse voltage
Repetitive peak off-state voltage+
Non-repetitive peak off-state voltage+
DC off-state voltage+
Parameter
Unit
Unit
Ratings
Symbol
Parameter
Conditions
Repetitive controllable on-state current
RMS on-state current
Average on-state current
Surge (non-repetitive) on-state current
Current-squared, time integration
Critical rate of rise of on-state current
Peak forward gate voltage
Peak reverse gate voltage
Peak forward gate current
Peak gate reverse current
Peak forward gate power dissipation
Peak reverse gate power dissipation
Average forward gate power dissipation
Average reverse gate power dissipation
Junction temperature
Storage temperature
Mounting force required
Weight
VD = 2250V, VDM = 3375V, Tj = 125
°C, CS = 4.0µF, LS = 0.3µH
f = 60Hz, sine wave
θ = 180°, Tf = 91°C
One half cycle at 60Hz
One cycle at 60Hz
VD = 2250V, IGM = 30A, Tj = 125
°C
Recommended value 20
Standard value


Similar Part No. - FG2000JV-90DA

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FG2000JV-90DA POWEREX-FG2000JV-90DA Datasheet
46Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results

Similar Description - FG2000JV-90DA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FGR3000FX-90DA MITSUBISHI-FGR3000FX-90DA Datasheet
82Kb / 5P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000GX-90DA MITSUBISHI-FG4000GX-90DA Datasheet
68Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FGC3500AX-120DS POWEREX-FGC3500AX-120DS Datasheet
36Kb / 3P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
GCU04AA-130 MITSUBISHI-GCU04AA-130 Datasheet
71Kb / 6P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG2000FX-50DA MITSUBISHI-FG2000FX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000EX-50DA MITSUBISHI-FG4000EX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000HX-90DS MITSUBISHI-FG4000HX-90DS Datasheet
71Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG3000GX-90DA POWEREX-FG3000GX-90DA Datasheet
157Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FGC1500A-130DS POWEREX-FGC1500A-130DS Datasheet
45Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
FG4000BX-90DA MITSUBISHI-FG4000BX-90DA Datasheet
65Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG4000EX-50DA POWEREX-FG4000EX-50DA Datasheet
79Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com