Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ24280HZC18NRS-G Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # IQ24280HZC18NRS-G
Description  Half-brick DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ24280HZC18NRS-G Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button IQ24280HZC18NRS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ24280HZC18NRS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ24280HZC18NRS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ24280HZC18NRS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ24280HZC18NRS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ24280HZC18NRS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters IQ24280HZC18NRS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters IQ24280HZC18NRS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters IQ24280HZC18NRS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Input:
Output:
Current:
Package:
18-36 V
50 V
10 A (500 W)
Half-brick
Technical Specification
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur because
any DC-DC converter appears incrementally as a negative
resistance load. A detailed application note titled “Input System
Instability” is available on the SynQor website which provides
an understanding of why this instability arises, and shows the
preferred solution for correcting it.
Application Circuits: Figure C below provides a typical circuit
diagram which details the input filtering and voltage trimming.
Input Filtering and External Input Capacitance: Figure D
below shows the internal input filter components. This filter dra-
matically reduces input terminal ripple current, which otherwise
could exceed the rating of an external electrolytic input capacitor.
The recommended external input capacitance is specified in the
Input Characteristics section on the Electrical Specifications page.
More detailed information is available in the application note
titled “EMI Characteristics” on the SynQor website.
Output Filtering and External Output Capacitance:
Figure D below shows the internal output filter components. This
filter dramatically reduces output voltage ripple. However, some
minimum external output capacitance is required, as specified in
the Output Characteristics section on the Electrical Specifications
page. No damage will occur without this capacitor connected,
but peak output voltage ripple will be much higher.
Vin
External
Input
Filter
Trim
Vin(+)
Iload
Cload
C1
Lin
C2
Vout(+)
Rtrim-up
or
Rtrim-down
Vsense(+)
ON/OFF
Regulation
Stage
Isolation
Stage
Current
Sense
Vin(_)
Vin(+)
Vin(_)
Vout(+)
Vout(_)
Vout(_)
Vsense(_)
Electrolytic
Capacitor
Figure C: Typical application circuit (negative logic unit, permanently enabled).
Figure D: Internal Input and Output Filter Diagram (component values listed on specifications page).
Product # IQ24500HZx10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-HZC2450 Rev. D
06/16/09
Page 10


Similar Part No. - IQ24280HZC18NRS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ24280HZC18NRS SYNQOR-IQ24280HZC18NRS Datasheet
969Kb / 12P
   Half-brick DC-DC Converter
More results

Similar Description - IQ24280HZC18NRS-G

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com