Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ24280HZC18NRS Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # IQ24280HZC18NRS
Description  Half-brick DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ24280HZC18NRS Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button IQ24280HZC18NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ24280HZC18NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ24280HZC18NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ24280HZC18NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ24280HZC18NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ24280HZC18NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ24280HZC18NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ24280HZC18NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters IQ24280HZC18NRS Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Input:
Output:
Current:
Package:
18-36 V
28 V
18 A (504 W)
Half-brick
Technical Specification
Product # IQ24280HZC18
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IHZ2428 Rev. C
09/19/08
Page 6
Figure 7: Output voltage response to step-change in load current (50%-75%-50% of
Iout(max); dI/dt = 0.1 A/µs; 1 ms/div). Load cap: 1 uF ceramic and 100
µF, 15 m
W ESR electrolytic capacitors. Top trace: Vout (1 V/div). Bottom
trace: Iout (10 A/div).
Figure 8: Output voltage response to step-change in load current
(50%-75%-50% of Iout(max): dI/dt = 5 A/µs; 2 ms/div). Load cap: 100 µF,
15 m
W ESR electrolytic capacitor. Top trace: Vout (1.0 V/div). Bottom trace:
Iout (10 A/div).
Figure 10: Input Terminal Ripple Current, ic, at full rated output cur-
rent and nominal input voltage with 3.3 µH source impedance and
470 µF electrolytic capacitor (500 mA/div; 2 µs/div). See Figure 9.
Figure 9: Test set-up diagram showing measurement points for Input
Terminal Ripple Current (Figure 10), Input Reflected Ripple Current
(Figure 11) and Output Voltage Ripple (Figure 12).
3.3µH
source
impedance
DC-DC
Converter
Figure 11
Figure 10
Figure 12
1 µF
ceramic
capacitor
100 µF,
10mWESR
electrolytic
capacitor
470µF,
0.2WESR
electrolytic
capacitor
VSOURCE
iS
iC
VOUT
Figure 11: Input reflected ripple current, is, through a 3.3 µH source
inductor, using a 470 µF input capacitor, at nominal input voltage and
rated load current (10 mA/div; 2 µs/div). See Figure 9.
Figure 12: Output voltage ripple at nominal input voltage and rated load
current (50 mV/div; 2 µs/div). Load capacitance: 1 µF ceramic capacitor
and 100 µF electrolytic capacitor. Bandwidth: 20 MHz. See Figure 9.


Similar Part No. - IQ24280HZC18NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ24280HZC18NRS-G SYNQOR-IQ24280HZC18NRS-G Datasheet
1Mb / 12P
   Half-brick DC-DC Converter
More results

Similar Description - IQ24280HZC18NRS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com