Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ24480QTC2FNRS Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # IQ24480QTC2FNRS
Description  Quarter-brick DC-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ24480QTC2FNRS Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button IQ24480QTC2FNRS Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ24480QTC2FNRS Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ24480QTC2FNRS Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ24480QTC2FNRS Datasheet HTML 9Page - SynQor Worldwide Headquarters IQ24480QTC2FNRS Datasheet HTML 10Page - SynQor Worldwide Headquarters IQ24480QTC2FNRS Datasheet HTML 11Page - SynQor Worldwide Headquarters IQ24480QTC2FNRS Datasheet HTML 12Page - SynQor Worldwide Headquarters IQ24480QTC2FNRS Datasheet HTML 13Page - SynQor Worldwide Headquarters IQ24480QTC2FNRS Datasheet HTML 14Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Product # IQ24xxxQTCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ24QTX Rev. C
09/23/08
Page 10
Technical Specification
Input:
Output:
Current:
Part no.:
18-36 V
5.0V
24 A
IQ24050QTC24
Parameter
Min.
Typ.
Max. Units notes & Conditions
InPUT ChaRaCTeRISTICS
MaximumInputCurrent
9.8
A
18VIN;trimup;incurrentlimit
No-LoadInputCurrent
100
130
mA
DisabledInputCurrent
1.5
3.0
mA
ResponsetoInputTransient
0.16
V
250V/msinputtransient;100µFoutputcap.
InputTerminalRippleCurrent
330
mA
RMS
RecommendedInputFuse
20
A
Fastactingexternalfuserecommended
InputFilterComponentValues(L\C)
1.0\6.6
µH\µF Internalvalues;seeFigureE
OUTPUT ChaRaCTeRISTICS
OutputVoltageSetPoint
4.95
5.00
5.05
V
OutputVoltageRegulation
OverLine
+0.1
+0.3
%
OverLoad
+0.1
+0.3
%
OverTemperature
-75
75
mV
TotalOutputVoltageRange
4.875
5.125
V
Oversample,line,load,temperature&life
OutputVoltageRippleandNoise1
20MHzbandwidth
Peak-to-Peak
60
120
mV
FullLoad
RMS
10
20
mV
FullLoad
OperatingOutputCurrentRange
0
24
A
Subjecttothermalderating
OutputDCCurrent-LimitInception
26.4
28.8
31.2
A
OutputVoltage10%Low
OutputDCCurrent-LimitShutdownVoltage
2.4
V
Back-DriveCurrentLimitwhileEnabled
0.55
A
Negativecurrentdrawnfromoutput
Back-DriveCurrentLimitwhileDisabled
0
16
50
mA
Negativecurrentdrawnfromoutput
MaximumOutputCapacitance
8,000
µF
Voutnominalatfullload(resistiveload)
OutputVoltageduringLoadCurrentTransient
ForaStepChangeinOutputCurrent(0.1A/µs)
170
mV
50%to75%to50%IOUT max
SettlingTime
100
µs
Towithin1%VOUT nom
OutputVoltageTrimRange
-20
+10
%
MeasuredacrossPins8&4;CommonFigure3
OutputVoltageRemoteSenseRange
+10
%
MeasuredacrossPins8&4
OutputOver-VoltageProtection
117
122
127
%
Overfulltemprange;%ofnominalVOUT
LoadCurrentScaleFactor
250
SeeOutputLoadCurrent app. note on our web
eFFICIenCy
100%Load
89
%
SeeFigure1 for efficiency curve
50%Load
92
%
SeeFigure1 for efficiency curve
note 1:Outputisterminatedwith1µFceramicand15µFlow-ESRtantalumcapacitors.
Forapplicationsrequiringreducedoutputvoltagerippleandnoise,consultSynQorapplicationssupport(e-mail:support@synqor.com)
IQ24050QTC24 eleCTRICal ChaRaCTeRISTICS (5.0 VOUT)
TA=25°C,airflowrate=300LFM,VIN=24VDCunlessotherwisenoted;fulloperatingtemperaturerangeis-40°Cto+100°C
ambient temperature with appropriate power derating. Specificationssubjecttochangewithoutnotice.


Similar Part No. - IQ24480QTC2FNRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ24480HPC4FNRS SYNQOR-IQ24480HPC4FNRS Datasheet
2Mb / 28P
   Half-brick DC-DC Converter
IQ24480HPC4FNRS-G SYNQOR-IQ24480HPC4FNRS-G Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ24480HPD4FNRS-G SYNQOR-IQ24480HPD4FNRS-G Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
More results

Similar Description - IQ24480QTC2FNRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com