Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ12120HPD15NRS-G Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # IQ12120HPD15NRS-G
Description  Half-brick DC-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ12120HPD15NRS-G Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button IQ12120HPD15NRS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ12120HPD15NRS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ12120HPD15NRS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ12120HPD15NRS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters IQ12120HPD15NRS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters IQ12120HPD15NRS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters IQ12120HPD15NRS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters IQ12120HPD15NRS-G Datasheet HTML 13Page - SynQor Worldwide Headquarters IQ12120HPD15NRS-G Datasheet HTML 14Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Product # IQ12xxxHPXxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ12HPX Rev. B
04/10/09
Page 10
Technical Specification
Input:
Output:
Current:
Part no.:
9-22 V
5.0 V
36 A
IQ12050HPx36
IQ12050HPC36 eLeCtRICAL CHARACteRIstICs (5.0 Vout)
Ta=25°C,airflowrate=300LFM,Vin=12Vdcunlessotherwisenoted;fulloperatingtemperaturerangeis-40°Cto+100°Cbaseplate
temperaturewithappropriatepowerderating.Specificationssubjecttochangewithoutnotice.
Parameter
Min.
typ.
Max. Units notes & Conditions
InPUt CHARACteRIstICs
MaximumInputCurrent
30.2
A
Vinmin;trimup;incurrentlimit
No-LoadInputCurrent
325
410
mA
DisabledInputCurrent
2
3
mA
ResponsetoInputTransient
0.15
V
500V/ms;seeFigure6
InputTerminalRippleCurrent
350
mA
RMS
RecommendedInputFuse
TBD
A
Fastactingexternalfuserecommended
OUtPUt CHARACteRIstICs
OutputVoltageSetPoint
4.95
5
5.05
V
OutputVoltageRegulation
OverLine
±0.1
±0.3
%
OverLoad
±0.1
±0.3
%
OverTemperature
-75
75
mV
TotalOutputVoltageRange
4.875
5.125
V
Oversample,line,load,temperature&life
OutputVoltageRippleandNoise
20MHzbandwidth;seeNote1
Peak-to-Peak
0
140
280
mV
Fullload
RMS
18
40
mV
Fullload
OperatingOutputCurrentRange
0
36
A
Subjecttothermalderating
OutputDCCurrent-LimitInception
39.6
43.2
46.8
A
Outputvoltage10%Low
OutputDCCurrent-LimitShutdownVoltage
2.4
V
Back-DriveCurrentLimitwhileEnabled
0.75
A
Negativecurrentdrawnfromoutput
Back-DriveCurrentLimitwhileDisabled
0.4
mA
Negativecurrentdrawnfromoutput
MaximumOutputCapacitance
8,000
µF
Voutnominalatfullload(resistiveload)
OutputVoltageduringLoadCurrentTransient
StepChangeinOutputCurrent(0.1A/µs)
165
mV
50%to75%to50%Ioutmax
SettlingTime
200
µs
Towithin1%Voutnom
OutputVoltageTrimRange
-20
10
%
AcrossPins8&4;CommonFigures3-5;seeNote2
OutputVoltageRemoteSenseRange
10
%
AcrossPins8&4
OutputOver-VoltageProtection
5.9
6.1
6.4
V
Overfulltemprange
eFFICIenCY
100%Load
87
%
SeeFigure1forefficiencycurve
50%Load
90
%
SeeFigure1forefficiencycurve
Note1:Outputisterminatedwith1µFceramicand15µFlow-ESRtantalumcapacitors.Forapplicationsrequiringreducedoutputvoltagerippleand
noise,consultSynQorapplicationssupport(e-mail:support@synqor.com)
Note2:Trim-uprangeislimitedbelow10%atlowlineandfullload.


Similar Part No. - IQ12120HPD15NRS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ12120QTC08NRS SYNQOR-IQ12120QTC08NRS Datasheet
1Mb / 28P
   Quarter-brick DC-DC Converter
More results

Similar Description - IQ12120HPD15NRS-G

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com