Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ24018HPC60NRS Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # IQ24018HPC60NRS
Description  Half-brick DC-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ24018HPC60NRS Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  IQ24018HPC60NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ24018HPC60NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ24018HPC60NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ24018HPC60NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ24018HPC60NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ24018HPC60NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ24018HPC60NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ24018HPC60NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ24018HPC60NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Technical
Specification
IQ24-HPC Family
Product # IQ24xxxHPCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005026 Rev. B
10/14/08
Page 4
STANDARDSCOMPLIANCE
Parameter
Notes&Conditions
STANDARDSCOMPLIANCE
UL/cUL60950-1
File#E194341,Basicinsulation
EN60950-1
CertifiedbyTUV
NeedleFlameTest(IEC695-2-2)
Testonentireassembly;board&plasticcomponentsUL94V-0compliant
IEC61000-4-2
ESDtest,8kV-NP,15kVair-NP(NormalPerformance)
Note:Anexternalinputfusemustalwaysbeusedtomeetthesesafetyrequirements.ContactSynQorforofficialsafetycertificatesonnew
releasesordownloadfromtheSynQorwebsite.
QUALIFICATIONTESTING
Parameter
#Units TestConditions
QUALIFICATIONTESTING
LifeTest
32
95%ratedVinandload,unitsatderatingpoint,1000hours
Vibration
5
10-55Hzsweep,0.060"totalexcursion,1min./sweep,120sweepsfor3axis
MechanicalShock
5
100gminimum,2dropsinxandyaxis,1dropinzaxis
TemperatureCycling
10
-40°Cto100°C,unittemp.ramp15°C/min.,500cycles
Power/ThermalCycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
DesignMarginality
5
Tmin-10°CtoTmax+10°C,5°Csteps,Vin=mintomax,0-105%load
Humidity
5
85°C,85%RH,1000hours,continuousVinappliedexcept5min/day
Solderability
15 pins
MIL-STD-883,method2003


Similar Part No. - IQ24018HPC60NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ24018HPC60NRS-G SYNQOR-IQ24018HPC60NRS-G Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
More results

Similar Description - IQ24018HPC60NRS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com