Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ12033QTC30NRS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # IQ12033QTC30NRS
Description  Quarter-brick DC-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ12033QTC30NRS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  IQ12033QTC30NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ12033QTC30NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ12033QTC30NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ12033QTC30NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ12033QTC30NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ12033QTC30NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ12033QTC30NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ12033QTC30NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ12033QTC30NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Technical
Specification
IQ12-QTC Family
Product # IQ12xxxQTCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ12QTX Rev. B
09/23/08
Page 1
9-22 V
Cont. Input
25 V
Trans. Input
1.8-48 V
Outputs
105 W
Max Power
2250 V dc
Isolation
Quarter-brick
DC-DC Converter
Operational Features
• Highefficiencies,82-91%atfullratedloadcurrent
• Deliversfullpowerwithminimalderating-noheatsinkrequired
• Operatinginputvoltagerange:
9-22V,25Vtransientfor100ms
• FixedfrequencyswitchingprovidespredictableEMI
• Nominimumloadrequirement
Protection Features
• Inputunder-voltagelockout
• Outputcurrentlimitandshortcircuitprotection
• Activebackbiaslimit
• Outputover-voltageprotection
• Thermalshutdown
Mechanical Features
• Industrystandardquarter-brickpin-outconfiguration
• Size:1.54"x2.39"x0.50"
(39.0x60.6x12.7mm)
• Totalweight:3oz(85g)
Control Features
• On/Offcontrolreferencedtoinputside
• Remotesensefortheoutputvoltage
• Outputvoltagetrimrangeof-20%,+10%
Safety Features
• 2250V,30MWinput-to-outputisolation
• UL/cUL60950-1recognized(US&Canada),basicinsulation
rating
• TUVcertifiedtoEN60950-1
• Meets72/23/EECand93/68/EECdirectiveswhichfacilitates
CEMarkinginuser’sendproduct
• BoardandplasticcomponentsmeetUL94V-0standard
• RoHScompliant(seePage28)
COnTenTS
PageNo.
MechanicalDrawing. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2
IQ12FamilyElectricalCharacteristics . . . . . . . . . . . . . . . . . . . . . . . 3-4
IQ12FamilyFigures. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5
IQ12018QTC40(1.8V,40A)CharacteristicsandFigures. . . . . . . . . . 6-7
IQ12033QTC30(3.3V,30A)CharacteristicsandFigures. . . . . . . . . . 8-9
IQ12050QTC20(5.0V,20A)CharacteristicsandFigures. . . . . . . . 10-11
IQ12070QTC14(7.0V,14A)CharacteristicsandFigures. . . . . . . . 12-13
IQ12120QTC08(12V,8.0A)CharacteristicsandFigures. . . . . . . . 14-15
IQ12150QTC07(15V,7.0A)CharacteristicsandFigures. . . . . . . . 16-17
IQ12240QTC04(24V,4.0A)CharacteristicsandFigures. . . . . . . . 18-19
IQ12300QTC03(30V,3.0A)CharacteristicsandFigures. . . . . . . . 20-21
IQ12480QTC02(48V,2.0A)CharacteristicsandFigures. . . . . . . . 22-23
ApplicationNotes. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24-27
OrderingInformation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28
The InQor® quarter-brick converter series is composed of
next-generation,board-mountable,isolated,fixedswitching
frequencydc-dcconvertersthatusesynchronousrectification
toachieveextremelyhighpowerconversionefficiency.Each
moduleissuppliedcompletelyencasedtoprovideprotection
from the harsh environments seen in many industrial and
transportationapplications.


Similar Part No. - IQ12033QTC30NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ12033HPC50NRS-G SYNQOR-IQ12033HPC50NRS-G Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ12033HPD50NRS-G SYNQOR-IQ12033HPD50NRS-G Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
More results

Similar Description - IQ12033QTC30NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com