Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ12018QTC40NRS Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # IQ12018QTC40NRS
Description  Quarter-brick DC-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ12018QTC40NRS Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button IQ12018QTC40NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ12018QTC40NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ12018QTC40NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ12018QTC40NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ12018QTC40NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ12018QTC40NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ12018QTC40NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters IQ12018QTC40NRS Datasheet HTML 10Page - SynQor Worldwide Headquarters IQ12018QTC40NRS Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
9-22 V
1.8 V
40 A
IQ12018QTC40
Product # IQ12xxxQTCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ12QTX Rev. B
09/23/08
Page 7
Technical Specification
Input:
Output:
Current:
Part no.:
9-22 V
1.8 V
40 A
IQ12018QTC40
Figure 1: Efficiency at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
0
4
8
12
16
20
0
5
10
15
20
25
30
35
40
Load Current (A)
9 Vin
12 Vin
22 Vin
60
65
70
75
80
85
90
0
5
10
15
20
25
30
35
40
Load Current (A)
9 Vin
12 Vin
22 Vin
Figure 2: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
0
5
10
15
20
25
30
35
40
45
0
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0
5
10
15
20
25
30
35
40
45
0
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 3: Encased converter (without heatsink) max. output power derating vs.
ambient air temperature for airflow rates of 100 LFM through 400 LFM. Air flows
across the converter from pin 3 to pin 1 (nominal input voltage).
Figure 4: Encased converter (with 1/4” heatsink) max. output power derating vs.
ambient air temperature for airflow rates of 100 LFM through 400 LFM. Air flows
across the converter from pin 3 to pin 1 (nominal input voltage).
Figure 5: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max); dI/dt = 0.2 A/µs). Load cap:
1 µF ceramic and 15 µF tantalum
capacitors. Ch 1: Vout (
200 mV/div), Ch 2: Iout (10 A/div).
Figure 6: Output voltage response to step-change in input voltage
(250 V/ms). Load cap: 100 µF, electrolytic output capacitance. Ch 1: Vout
(500 mV/div), Ch 2: Vin (10 V/div).


Similar Part No. - IQ12018QTC40NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ12018HPC6NRS-G SYNQOR-IQ12018HPC6NRS-G Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ12018HPD6NRS-G SYNQOR-IQ12018HPD6NRS-G Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
More results

Similar Description - IQ12018QTC40NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com