Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQ65033QGL10NRS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # DQ65033QGL10NRS
Description  Dual Output, High Efficiency, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ65033QGL10NRS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button DQ65033QGL10NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ65033QGL10NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ65033QGL10NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ65033QGL10NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters DQ65033QGL10NRS Datasheet HTML 10Page - SynQor Worldwide Headquarters DQ65033QGL10NRS Datasheet HTML 11Page - SynQor Worldwide Headquarters DQ65033QGL10NRS Datasheet HTML 12Page - SynQor Worldwide Headquarters DQ65033QGL10NRS Datasheet HTML 13Page - SynQor Worldwide Headquarters DQ65033QGL10NRS Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Product # DQ65033QGL10
Phone 1-888-567-9596
Doc.# 005-2DQ653D Rev. C
9/14/04
Page 11
Technical Specification
48Vin 5.0/3.3Vout 100W
Quarter
Quarter
Brick Dual
Brick Dual
BASIC OPERATION AND FEATURES
The
DualQor series converter uses a two-stage power conver-
sion topology in which the two output voltages are cross regu-
lated. The first stage is a buck-converter that keeps the output
voltage constant over variations in line, load, and temperature.
The second stage uses a transformer to provide the functions of
input/output isolation and voltage step-down to achieve the low
output voltage required.
The two-stage solution is ideal for converters with multiple cross-
regulated output voltages. The first-stage compensates for any
variations in line voltage. Therefore, the dependence of the
output voltage on line variations is minimized.
Both the first stage and the second stage switch at a fixed fre-
quency for predictable EMI performance. Rectification of the
transformer’s output is accomplished with synchronous recti-
fiers. These devices, which are MOSFETs with a very low on-
state resistance, dissipate far less energy than Schottky diodes.
This is the primary reason that the
DualQor series of converters
has such high efficiency, even at very low output voltages and
very high output currents.
Dissipation throughout the converter is so low that it does not
require a heatsink for operation. However, baseplated versions
are available for optional heatsinking in severe thermal envi-
ronments.
The
DualQor series converter uses the industry standard foot-
print and pin-out configuration.
The
DualQor has many standard control and protection fea-
tures. All shutdown features are non-latching, meaning that the
converter shuts off for 200 ms before restarting. (See Figure F)
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2, per-
mits the user to control when the converter is
on or off. This
input is referenced to the return terminal of the input bus,
Vin(-). There are two versions of the converter that differ by the
sense of the logic used for the ON/OFF input.
In the positive logic version, the ON/OFF input is active high
(meaning that a high turns the converter
on). In the negative
logic version, the ON/OFF signal is active low (meaning that a
low turns the converter
on). Figure A details five possible cir-
cuits for driving the ON/OFF pin. Figure B is a detailed look of
the internal ON/OFF circuitry.
OUTPUT VOLTAGE TRIM (Pin 6): The TRIM input permits
the user to adjust the output voltage up or down according to
the trim range specifications. It is important to recognize that
adjusting one output will also adjust the second output propor-
tionally. To lower the output voltage, the user should connect a
resistor between Pin 6 and Pin 4. To raise the output voltage,
the user should connect a resistor between Pin 6 and Pin 5. The
following table shows the resistor values needed to trim the out-
put voltage up or down.
Open Collector Enable Circuit
Figure A: Various circuits for driving the ON/OFF pin.
Figure B: Internal ON/OFF pin circuitry
Remote Enable Circuit
Direct Logic Drive
Negative Logic
(Permanently Enabled)
Positive Logic
(Permanently Enabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
TTL/
CMOS
Vin(_
)
ON/OFF
Vin(_)
Vin(_
)
TTL
5V
50k
274k
Vin(+)
ON/OFF
Vin(_)
50k
100pF
Vo(%)
1
2
3
4
5
6
7
8
9
10
R up
54.9 24.9 14.3 9.31 6.34 4.32 2.80 1.69 0.825 0
R down 68.1 30.1 17.8 11.50 7.68 5.36 3.48 2.10 1.050 0


Similar Part No. - DQ65033QGL10NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ65033QKA04 SYNQOR-DQ65033QKA04 Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NKS SYNQOR-DQ65033QKA04NKS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NNS SYNQOR-DQ65033QKA04NNS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NRS SYNQOR-DQ65033QKA04NRS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NYS SYNQOR-DQ65033QKA04NYS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
More results

Similar Description - DQ65033QGL10NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Emerson Network Power
RFB300 EMERSON-NETWORKPOWER-RFB300 Datasheet
361Kb / 6P
   high efficiency, enclosed, isolated dc-dc converter
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com