Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQ65033QGL10NNS Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # DQ65033QGL10NNS
Description  Dual Output, High Efficiency, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ65033QGL10NNS Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button DQ65033QGL10NNS Datasheet HTML 2Page - SynQor Worldwide Headquarters DQ65033QGL10NNS Datasheet HTML 3Page - SynQor Worldwide Headquarters DQ65033QGL10NNS Datasheet HTML 4Page - SynQor Worldwide Headquarters DQ65033QGL10NNS Datasheet HTML 5Page - SynQor Worldwide Headquarters DQ65033QGL10NNS Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ65033QGL10NNS Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ65033QGL10NNS Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ65033QGL10NNS Datasheet HTML 9Page - SynQor Worldwide Headquarters DQ65033QGL10NNS Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Product # DQ65033QGL10
Phone 1-888-567-9596
Doc.# 005-2DQ653D Rev. C
9/14/04
Page 6
Performance Curves
48Vin 5.0/3.3Vout 100W
Quarter
Quarter
Brick Dual
Brick Dual
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
01
2345
678
9
10
5.0V, Iout (A)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 7: Maximum output power derating curves at 55°C vs. airflow
rates of 100 through 400 LFM. Curve shows available current for 3.3V
rail on y axis and available current for 5.0V rail on x axis. (nom. Vin)
Figure 8: Thermal plot of converter at 14.3A load on 3.3V ouput and
7.7A load on 5.0V output with 55°C air flowing at 200 LFM. Air flow
across the converter is from pin 1 to pin 3 (nominal input voltage).
Figure 9: Maximum output power derating curves at 70°C vs. airflow
rates of 100 through 400 LFM. Curve shows available current for 3.3V
rail on y axis and available current for 5.0V rail on x axis. (nom. Vin)
Figure 10: . Thermal plot of converter at 11A load on 3.3V ouput and
7.7A load on 5.0V output with 70°C air flowing at 200 LFM. Air flow
across the converter is from pin 1 to pin 3 (nominal input voltage).
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
01
23
456
789
10
5.0V, Iout (A)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 11: Maximum output power derating curves at 85°C vs. airflow
rates of 100 through 400 LFM. Curve shows available current for 3.3V
rail on y axis and available current for 5.0V rail on x axis. (nom. Vin)
Figure 12: Thermal plot of converter at 8.1A load on 3.3V ouput and
6.8A load on 5.0V output with 85°C air flowing at 200 LFM. Air flow
across the converter is from pin 1 to pin 3 (nominal input voltage).
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
01
23
45
67
89
10
5.0V, Iout (A)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Semiconductor junction temperature is
within 1
°C of surface temperature
Semiconductor junction temperature is
within 1
°C of surface temperature
Semiconductor junction temperature is
within 1
°C of surface temperature


Similar Part No. - DQ65033QGL10NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ65033QKA04 SYNQOR-DQ65033QKA04 Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NKS SYNQOR-DQ65033QKA04NKS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NNS SYNQOR-DQ65033QKA04NNS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NRS SYNQOR-DQ65033QKA04NRS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NYS SYNQOR-DQ65033QKA04NYS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
More results

Similar Description - DQ65033QGL10NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Emerson Network Power
RFB300 EMERSON-NETWORKPOWER-RFB300 Datasheet
361Kb / 6P
   high efficiency, enclosed, isolated dc-dc converter
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com