Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6807BGR Datasheet(PDF) 4 Page - Champion Microelectronic Corp.

Part # CM6807BGR
Description  10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6807BGR Datasheet(HTML) 4 Page - Champion Microelectronic Corp.

  CM6807BGR Datasheet HTML 1Page - Champion Microelectronic Corp. CM6807BGR Datasheet HTML 2Page - Champion Microelectronic Corp. CM6807BGR Datasheet HTML 3Page - Champion Microelectronic Corp. CM6807BGR Datasheet HTML 4Page - Champion Microelectronic Corp. CM6807BGR Datasheet HTML 5Page - Champion Microelectronic Corp. CM6807BGR Datasheet HTML 6Page - Champion Microelectronic Corp. CM6807BGR Datasheet HTML 7Page - Champion Microelectronic Corp. CM6807BGR Datasheet HTML 8Page - Champion Microelectronic Corp. CM6807BGR Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CM6807(A;B;C)
10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
2006/10/11 Rev1.0
Champion Microelectronic Corporation
Page 4
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply Vcc=+14V,
TA=Operating Temperature Range (Note 1)
CM6807A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Voltage Error Amplifier (gmv)
Input Voltage Range
0
5
V
Transconductance
VNONINV = VINV, VEAO = 3.75V
30
65
90
μmho
Feedback Reference Voltage
2.43
2.5
2.56
V
Input Bias Current
Note 2
-0.5
-1.0
μA
Output High Voltage
5.8
6.0
V
Output Low Voltage
0.1
0.4
V
Sink Current
VFB = 3V, VEAO = 6V
-35
-20
μA
Source Current
VFB = 1.5V, VEAO = 1.5V
30
40
μA
Open Loop Gain
50
60
dB
Power Supply Rejection Ratio
11V < VCC < 16.5V
50
60
dB
IAC
Input Impedance
ISENSE = 0V, TA=25℃
35
40
45
K
VCC OVP Comparator
Threshold Voltage
17.3
17.9
18.5
V
Hysteresis
1.3
1.5
1.75
V
PFC OVP Comparator
Threshold Voltage
2.64
2.77
2.85
V
Hysteresis
230
300
mV
PFC ILIMIT Comparator
Threshold Voltage
-1.1
-1
-0.9
V
Delay to Output
150
300
ns
VIN OK Comparator
Threshold Voltage
2.30
2.45
2.55
V
Hysteresis
1.65
1.75
1.85
V
PWM Digital Soft Start
Digital Soft Start Timer (Note 2)
Right After Start Up
10
ms
V + I Comparator
Threshold Voltage
Normal operation without soft start
1.38
1.5
1.62
V
Delay to Output (Note 2)
150
300
Ns
Threshold Voltage
During soft start condition
100
150
200
mV
PFC Tri-Fault Detect Comparator
Fault Detect HIGH
2.70
2.77
2.85
V
Time to Fault Detect HIGH
VFB=VFAULT DETECT LOW to VFB = OPEN,
470pF from VFB to GND
2
4
ms
Fault Detect LOW
0.4
0.5
0.6
V
PWM Tri-Fault Detect Comparator
DC to DC Short
Sweep PWMtrifault
VCC-0.9
VCC-0.1
V
Green Mode Threshold
Sweep PWMtrifault
-400mV+
(VCC-1.
4)/2
(VCC-1.4)
/2
+400mV
+(VCC-1
.4)/2
V


Similar Part No. - CM6807BGR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6807 CHAMP-CM6807 Datasheet
223Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807GIR CHAMP-CM6807GIR Datasheet
223Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807GIRTR CHAMP-CM6807GIRTR Datasheet
223Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807XIR CHAMP-CM6807XIR Datasheet
223Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807XIRTR CHAMP-CM6807XIRTR Datasheet
223Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
More results

Similar Description - CM6807BGR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6805 CHAMP-CM6805 Datasheet
438Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807 CHAMP-CM6807_10 Datasheet
223Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6805BO CHAMP-CM6805BO Datasheet
255Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805BO CHAMP-CM6805BO_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A Datasheet
256Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
logo
Fairchild Semiconductor
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Micro Linear Corporatio...
ML4802 MICRO-LINEAR-ML4802 Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com