Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6807BGR Datasheet(PDF) 10 Page - Champion Microelectronic Corp.

Part # CM6807BGR
Description  10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6807BGR Datasheet(HTML) 10 Page - Champion Microelectronic Corp.

Back Button CM6807BGR Datasheet HTML 6Page - Champion Microelectronic Corp. CM6807BGR Datasheet HTML 7Page - Champion Microelectronic Corp. CM6807BGR Datasheet HTML 8Page - Champion Microelectronic Corp. CM6807BGR Datasheet HTML 9Page - Champion Microelectronic Corp. CM6807BGR Datasheet HTML 10Page - Champion Microelectronic Corp. CM6807BGR Datasheet HTML 11Page - Champion Microelectronic Corp. CM6807BGR Datasheet HTML 12Page - Champion Microelectronic Corp. CM6807BGR Datasheet HTML 13Page - Champion Microelectronic Corp. CM6807BGR Datasheet HTML 14Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CM6807(A;B;C)
10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
2006/10/11 Rev1.0
Champion Microelectronic Corporation
Page 10
One of the advantages of this control technique is that it
required only one system clock. Switch 1(SW1) turns OFF
and switch 2 (SW2) turns ON at the same instant to
minimize the momentary “no-load” period, thus lowering
ripple voltage generated by the switching action. With such
synchronized switching, the ripple voltage of the first stage
is reduced. Calculation and evaluation have shown that the
120Hz component of the PFC’s output ripple voltage can be
reduced by as much as 30% using this method,
substantially reducing dissipation in the high-voltage PFC
capacitor.
Typical Applications
PFC Section:
PFC Voltage Loop Error Amp, VEAO
The ML4803 utilizes an one pin voltage error amplifier in
the PFC section (VEAO). In the CM6807A, it is using the
slew rate enhanced transconductance amplifier, which is
the same as error amplifier in the CM6800. The unique
transconductance profile can speed up the conventional
transient response by 10 times. The internal reference of
the VEAO is 2.5V. The input of the VEAO is VFB pin.
PFC Voltage Loop Compensation
The voltage-loop bandwidth must be set to less than 120Hz
to limit the amount of line current harmonic distortion. A
typical crossover frequency is 30Hz.
The Voltage Loop Gain (S)
CV
V
DC
EAO
2
OUTDC
IN
FB
EAO
OUT
FB
EAO
OUT
Z
*
GM
*
C
*
S
*
V
*
V
V
5
.
2
*
P
V
V
*
V
V
*
V
V
Δ
Δ
Δ
Δ
Δ
Δ
Δ
=
ZCV: Compensation Net Work for the Voltage Loop
GMv: Transconductance of VEAO
PIN: Average PFC Input Power
VOUTDC: PFC Boost Output Voltage; typical designed value is
380V.
CDC: PFC Boost Output Capacitor
ΔVEAO: This is the necessary change of the VEAO to deliver
the designed average input power. The average value is
6V-3V=3V since when the input line voltage increases, the
delta VEAO will be reduced to deliver the same to the output.
To over compensate, we choose the delta VEAO is 3V.
Internal Voltage Ramp
The internal ramp current source is programmed by way of
VEAO pin voltage. When VEAO increases the ramp current
source is also increase. This current source is used to
develop the internal ramp by charging the internal 30pF +12/
-10% capacitor. The frequency of the internal programming
ramp is set internally to 67kHz.
Design PFC ISENSE Filtering
ISENSE Filter, the RC filter between Rs and ISENSE:
There are 2 purposes to add a filter at ISENSE pin:
1.) Protection: During start up or inrush current
conditions, it will have a large voltage cross Rs,
which is the sensing resistor of the PFC boost
converter. It requires the ISENSE Filter to attenuate
the energy.
2.) Reduce L, the Boost Inductor: The ISENSE Filter
also can reduce the Boost Inductor value since the
ISENSE Filter behaves like an integrator before
going ISENSE which is the input of the current error
amplifier, IEAO.


Similar Part No. - CM6807BGR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6807 CHAMP-CM6807 Datasheet
223Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807GIR CHAMP-CM6807GIR Datasheet
223Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807GIRTR CHAMP-CM6807GIRTR Datasheet
223Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807XIR CHAMP-CM6807XIR Datasheet
223Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807XIRTR CHAMP-CM6807XIRTR Datasheet
223Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
More results

Similar Description - CM6807BGR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6805 CHAMP-CM6805 Datasheet
438Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807 CHAMP-CM6807_10 Datasheet
223Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6805BO CHAMP-CM6805BO Datasheet
255Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805BO CHAMP-CM6805BO_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A Datasheet
256Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
logo
Fairchild Semiconductor
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Micro Linear Corporatio...
ML4802 MICRO-LINEAR-ML4802 Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com