Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQ65033QGL10PNS Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # DQ65033QGL10PNS
Description  Dual Output, High Efficiency, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ65033QGL10PNS Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button DQ65033QGL10PNS Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ65033QGL10PNS Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ65033QGL10PNS Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ65033QGL10PNS Datasheet HTML 9Page - SynQor Worldwide Headquarters DQ65033QGL10PNS Datasheet HTML 10Page - SynQor Worldwide Headquarters DQ65033QGL10PNS Datasheet HTML 11Page - SynQor Worldwide Headquarters DQ65033QGL10PNS Datasheet HTML 12Page - SynQor Worldwide Headquarters DQ65033QGL10PNS Datasheet HTML 13Page - SynQor Worldwide Headquarters DQ65033QGL10PNS Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Product # DQ65033QGL10
Phone 1-888-567-9596
Doc.# 005-2DQ653D Rev. C
9/14/04
Page 10
Performance Curves
48Vin 5.0/3.3Vout 100W
0.1
1
10
100
1000
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 31: Input impedance (Zin = Vin/Iin) for minimum, nominal, and
maximum input voltage at full rated power for 3.3V output.
0.1
1
10
100
1000
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 32: Input impedance (Zin = Vin/Iin) for minimum, nominal, and
maximum input voltage at full rated power for 5.0V output.
Quarter
Quarter
Brick Dual
Brick Dual


Similar Part No. - DQ65033QGL10PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ65033QKA04 SYNQOR-DQ65033QKA04 Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NKS SYNQOR-DQ65033QKA04NKS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NNS SYNQOR-DQ65033QKA04NNS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NRS SYNQOR-DQ65033QKA04NRS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NYS SYNQOR-DQ65033QKA04NYS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
More results

Similar Description - DQ65033QGL10PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Emerson Network Power
RFB300 EMERSON-NETWORKPOWER-RFB300 Datasheet
361Kb / 6P
   high efficiency, enclosed, isolated dc-dc converter
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com