Electronic Components Datasheet Search |
|
AQ0500MU36TQBF Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters |
|
AQ0500MU36TQBF Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters |
5 / 11 page AC Input: DC Output: Power: Grade: 85-264 VRMS 12/24/36/48V Semi-reg. 500 W Series Medical Technical Specification Product # AQ0500MUxx Series Phone 1-888-567-9596 www.synqor.com Doc.# 005-005046 Rev. 1 09/04/08 Page 5 PRELIMINARY AC Leakage Current from Input to Earth AC Line Connection Normal Condition Open Neutral Fault AC Leakage Current from Output to Earth Model Normal Condition Open Earth Fault AC Backdrive Fault ACuQor Typical at 110% nominal input voltage 60 Hz 240 V L-N, 1 phase 125 µA 250 µA ACuQor Typical at 264 Vac 60 Hz input AQ . . BF . . 2 µA 36 µA 125 µA 208 V L-L, 120 V L-N, 1 of 3 phases 65 µA 130 µA AQ . . CF . . 2 µA 6 µA 18 µA 240 V L-N-L, 120 V L-N, split phase 65 µA 130 µA For convenience, the following tables show limits allowed by various standards: AC Leakage Current from Input to Earth Standard Normal Condition Open Neutral Fault AC Leakage Current from Output to Earth Contact Type Normal Condition Open Earth Fault AC Backdrive Fault Maximum Allowed per Standard IEC60601-1 500 µA 1000 µA Maximum Allowed per IEC60601-1 BF 100 µA 500 µA 5000 µA NFPA 99 2005 300 µA — CF 10 µA 50 µA 50 µA IEC60950 3500 µA — Leakage Currents MECHANICAL DRAWINGS (1 Module Open Frame Version — E Package Type) NOTES (applies to all mechanicals) 1)Recommendedscrewtighteningtorqueof6in.lbs 2)Undimensionedcomponentsareshownforvisualreferenceonly 3)Alldimensionsininches[mm] Tolerances: x.xxin±0.02 x.xxxin±0.010 Bottom Top Front Back Right MECHANICAL DRAWINGS (2 Modules Flat Version — R Package Type) MECHANICAL DRAWINGS (3 Modules Flat Version — T Package Type) Bottom Top Front Back Right MECHANICAL DRAWINGS (3 Modules Stacked Version — U Package Type) MECHANICAL DRAWINGS (2 Modules Stacked Version — S Package Type) MECHANICAL DRAWINGS (1 Module Encased Version — E Package Type) |
Similar Part No. - AQ0500MU36TQBF |
|
Similar Description - AQ0500MU36TQBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |