Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQ63312QGL07PKT Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # DQ63312QGL07PKT
Description  Dual Output, High Efficiency, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ63312QGL07PKT Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button DQ63312QGL07PKT Datasheet HTML 5Page - SynQor Worldwide Headquarters DQ63312QGL07PKT Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ63312QGL07PKT Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ63312QGL07PKT Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ63312QGL07PKT Datasheet HTML 9Page - SynQor Worldwide Headquarters DQ63312QGL07PKT Datasheet HTML 10Page - SynQor Worldwide Headquarters DQ63312QGL07PKT Datasheet HTML 11Page - SynQor Worldwide Headquarters DQ63312QGL07PKT Datasheet HTML 12Page - SynQor Worldwide Headquarters DQ63312QGL07PKT Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Product # DQ63312QGL07
Phone 1-888-567-9596
Doc.# 005-2DQ312D Rev. B
10/7/03
Page 9
Performance Curves
48Vin 3.3/1.2Vout 68W
Quarter
Quarter
Brick Dual
Brick Dual
0.001
0.01
0.1
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 25: Output impedance (Zout1 = Vout1/Iout1) for minimum,
nominal, and maximum input voltage at full rated power, for 1.2V out-
put.
0.001
0.01
0.1
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 26: Output impedance (Zout2 = Vout2/Iout2) for minimum,
nominal, and maximum input voltage at full rated power, for 3.3V out-
put.
-110
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 27: Forward Transmission (FT1 = Vout1/Vin) for minimum,
nominal, and maximum input voltage at full rated power, for 1.2V out-
put.
-110
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 28: Forward Transmission (FT2 = Vout2/Vin) for minimum,
nominal, and maximum input voltage at full rated power, for 3.3V out-
put.
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 29: Reverse Transmission (RT1 = Iin/Iout1) for minimum, nomi-
nal, and maximum input voltage at full rated power, for 1.2V output.
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 30: Reverse Transmission (RT2 = Iin/Iout2) for minimum, nomi-
nal, and maximum input voltage at full rated power, for 3.3V output.


Similar Part No. - DQ63312QGL07PKT

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07NKS SYNQOR-DQ63315QGL07NKS Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07NKT SYNQOR-DQ63315QGL07NKT Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07NNS SYNQOR-DQ63315QGL07NNS Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07NNT SYNQOR-DQ63315QGL07NNT Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results

Similar Description - DQ63312QGL07PKT

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Emerson Network Power
RFB300 EMERSON-NETWORKPOWER-RFB300 Datasheet
361Kb / 6P
   high efficiency, enclosed, isolated dc-dc converter
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com