Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ0400IU3TEQIND Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # AQ0400IU3TEQIND
Description  Industrial Grade AC/DC Power Supply With PFC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ0400IU3TEQIND Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  AQ0400IU3TEQIND Datasheet HTML 1Page - SynQor Worldwide Headquarters AQ0400IU3TEQIND Datasheet HTML 2Page - SynQor Worldwide Headquarters AQ0400IU3TEQIND Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ0400IU3TEQIND Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ0400IU3TEQIND Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ0400IU3TEQIND Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ0400IU3TEQIND Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ0400IU3TEQIND Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ0400IU3TEQIND Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AC Input:
DC Output:
Power:
Grade:
85-264 VRMS
12/24/36/48V Semi-reg.
400 W Series
Industrial
Technical Specification
Product # AQ0400IUxT Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005053 Rev. A
09/08/08
Page 4
EFFICIENCY, DERATING, AND VOUT DROOP CURVES
42
44
46
48
50
52
54
0
1
2
3
4
5
6
7
8
9
Output Load (A)
Figure 8: 48 VOUT droop characteristic.
0
100
200
300
400
500
0
10
20
30
40
50
60
70
80
Ambient Temperature (ºC)
24 / 36 / 48 V with Fan Enabled
12 V with Fan Enabled
24 / 36 / 48 V with Fan Disabled
12 V with Fan Disabled
85
132
170
264
0
100
200
300
400
500
600
Input AC Voltage (VRMS)
Transient
Continuous
Figure 9: Continuous power derating curve in natural convection.
Figure 7: 48 VOUT efficiency curves.
65
70
75
80
85
90
95
100
0
100
200
300
400
500
Output Power (W)
115 Vrms
230 Vrms
Figure 10: Rated output power vs Input AC Voltage.


Similar Part No. - AQ0400IU3TEQIND

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0400IU36EAIND SYNQOR-AQ0400IU36EAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU36ECIND SYNQOR-AQ0400IU36ECIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU36EQIND SYNQOR-AQ0400IU36EQIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU36RAIND SYNQOR-AQ0400IU36RAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU36RCIND SYNQOR-AQ0400IU36RCIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
More results

Similar Description - AQ0400IU3TEQIND

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0400IU24EAIND SYNQOR-AQ0400IU24EAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ1000IU12RQIND SYNQOR-AQ1000IU12RQIND Datasheet
5Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
AQ1500IU1TTQIND SYNQOR-AQ1500IU1TTQIND Datasheet
2Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
AQ0300MU12EACFD SYNQOR-AQ0300MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0500MU12EQCFD SYNQOR-AQ0500MU12EQCFD Datasheet
2Mb / 11P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU12EACFD SYNQOR-AQ0400MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0300MU2TEACFD SYNQOR-AQ0300MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU2TEACFD SYNQOR-AQ0400MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ1500MU1TTQCFD SYNQOR-AQ1500MU1TTQCFD Datasheet
2Mb / 11P
   Medical Grade AC/DC Power Supply With PFC
logo
CINCON ELECTRONICS Corp...
CFM150S CINCON-CFM150S Datasheet
504Kb / 2P
   AC-DC POWER SUPPLY WITH PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com