Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ0500MU24SCBF Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # AQ0500MU24SCBF
Description  Medical Grade AC/DC Power Supply With PFC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ0500MU24SCBF Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button AQ0500MU24SCBF Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ0500MU24SCBF Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ0500MU24SCBF Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ0500MU24SCBF Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ0500MU24SCBF Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ0500MU24SCBF Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ0500MU24SCBF Datasheet HTML 9Page - SynQor Worldwide Headquarters AQ0500MU24SCBF Datasheet HTML 10Page - SynQor Worldwide Headquarters AQ0500MU24SCBF Datasheet HTML 11Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AC Input:
DC Output:
Power:
Grade:
85-264 VRMS
12/24/36/48V Semi-reg.
500 W Series
Medical
Technical Specification
Product # AQ0500MUxx Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005046 Rev. 1
09/04/08
Page 8
PRELIMINARY
REMOTE_ENABLE
10k
10 Ohms
To Enable
Circuitry
VOUT(-)
0.1 µF
5 k
5V_STANDBY
5V_STANDBY
Figure C: Remote enable interface circuitry.
Figure A: Fan status output / Fan enable input interface circuitry.
2N3904
10 Ohms
5 k
AC_POWER_GOOD or
DC_POWER_GOOD
0.1 µF
From AC/DC
Monitor
Circuitry
VOUT(-)
1N4148
5V_STANDBY
Figure B: Power good interface circuitry.
CONNECTOR DETAILS
OUTPUT CONNECTOR PINOUT (top side)
Pin 1 FAN_GOOD
Open collector with internal 5V pullup. See Figure A.
Pulsed low on fan failure, 100ms, 50% duty.
Short to VOUT(-) to disable fan.
Pin 2 AC_POWER_GOOD
Open collector with internal 5V pullup. See Figure B.
Pulled low on AC power dropout.
Pin 3 DC_POWER_GOOD
Open collector with internal 5V pullup. See Figure B.
Pulled low during startup ramp and within 5 ºC of
temperature shutdown threshold.
Pin 4 5V_STANDBY
5 V @ 50 mA available whenever AC power is applied.
Pin 5 VOUT(+)
Positive Output Voltage.
Pin 6 VOUT(+)
Positive Output Voltage.
Pin 7 VOUT(+)
Positive Output Voltage.
Pin 8 VOUT(+)
Positive Output Voltage.
Pin 9 Reserved
Reserved for future use.
Pin 10 Reserved
Reserved for future use.
Pin 11 REMOTE_ENABLE
Logic input. See Figure C.
Pull high to enable main output.
Pin 12 VOUT(–)
Negative Output Voltage.
Pin 13 VOUT(–)
Negative Output Voltage.
Pin 14 VOUT(–)
Negative Output Voltage.
Pin 15 VOUT(–)
Negative Output Voltage.
Pin 16 VOUT(–)
Negative Output Voltage.
12 V OUTPUT CONNECTOR PINOUT (bottom side)
Pin 1 VOUT(+)
Positive Output Voltage.
Pin 2 VOUT(+)
Positive Output Voltage.
Pin 3 VOUT(+)
Positive Output Voltage.
Pin 4 VOUT(+)
Positive Output Voltage.
Pin 5 VOUT(–)
Negative Output Voltage.
Pin 6 VOUT(–)
Negative Output Voltage.
Pin 7 VOUT(–)
Negative Output Voltage.
Pin 8 VOUT(–)
Negative Output Voltage
INDIVIDUAL INPUT CONNECTOR PINOUT
Pin 1
Ground
Pin 3
AC Neutral
Pin 5
AC Line
MATING CONNECTORS
Connector
Type
Contact
OUTPUT (16 pins)
Molex 430251600
Molex 430300008*
12V_OUTPUT (8 pins)
Molex 436450800
Molex 430300008*
INPUT
JST VHR-5N
JST SVH-41T-P1.1
* Each contact rated for a maximum of 5.5 A.


Similar Part No. - AQ0500MU24SCBF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0500IUXT SYNQOR-AQ0500IUXT Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ0500IUXX SYNQOR-AQ0500IUXX Datasheet
3Mb / 12P
   Integral fan cooling with speed control
More results

Similar Description - AQ0500MU24SCBF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0300MU12EACFD SYNQOR-AQ0300MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU12EACFD SYNQOR-AQ0400MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0300MU2TEACFD SYNQOR-AQ0300MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU2TEACFD SYNQOR-AQ0400MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ1500MU1TTQCFD SYNQOR-AQ1500MU1TTQCFD Datasheet
2Mb / 11P
   Medical Grade AC/DC Power Supply With PFC
AQ1500IU1TTQIND SYNQOR-AQ1500IU1TTQIND Datasheet
2Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU2TEAIND SYNQOR-AQ0400IU2TEAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU24EAIND SYNQOR-AQ0400IU24EAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ1000IU12RQIND SYNQOR-AQ1000IU12RQIND Datasheet
5Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
logo
ULTRA LEVEL TECH CO., L...
PRL1103 ULC-PRL1103 Datasheet
332Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com