Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM586SL Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # MSM586SL
Description  Soldered 32MB SDRAM (64MB)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSM586SL Datasheet(HTML) 2 Page - ADL Embedded Solutions

  MSM586SL Datasheet HTML 1Page - ADL Embedded Solutions MSM586SL Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MICROSPACE PC/104
Data subject to change without notice
Feature Technical Specifications
FEATURES
FUNCTIONS
REMARKS
OPTIONS
Item code
MSM586SL
CPU
ELAN520
2nd Level Cache
Performance (MHz)
133
DRAM Min-Max (MB)
Soldered DRAM 32/64
Power Management
DiskOnChip Socket
yes
CompactFlash Socket
Mouse, Keyboard
yes
Floppy Interface
yes
IDE Interface
yes (LB)
Onboard IDE-Flash
DOC
COM1
RS232C*
422/458
COM2
RS232C*
422/458
COM3
RS232C*
422/458
COM4
RS232C*
422/458
LPT1
yes
USB
LAN
Audio
Video Controller
Video Datapath
Video Memory
CRT Video
LCD Interface
LCD Resolution
Video Input
EEPROM Support
yes
Watchdog
yes
Power Normal (typ)
5V/~630mA (@32/133)
Power Suspend
Cooling Type
passive
Operating Temp.
-25°C to +70°C
Extended Temp.
-40°C to +85°C
Weight (gr)
80
MTBF
> 200’000 h
* other options may be available, please contact our Sales office


Similar Part No. - MSM586SL

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSM586SEG ADL-MSM586SEG Datasheet
224Kb / 2P
   133MHz, 0MB SDRAM
MSM586SEL ADL-MSM586SEL Datasheet
224Kb / 2P
   133MHz, 0MB SDRAM
MSM586SEN ADL-MSM586SEN Datasheet
224Kb / 2P
   133MHz, 0MB SDRAM
More results

Similar Description - MSM586SL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM484M1644VTA-55L ETC1-EM484M1644VTA-55L Datasheet
741Kb / 18P
   64Mb SDRAM
EM482M3244VTA-5L ETC1-EM482M3244VTA-5L Datasheet
934Kb / 33P
   64Mb SDRAM
logo
Hynix Semiconductor
H5DU6462CTR-FAX HYNIX-H5DU6462CTR-FAX Datasheet
329Kb / 29P
   64Mb DDR SDRAM
logo
White Electronic Design...
W3DG648V-D1 WEDC-W3DG648V-D1 Datasheet
129Kb / 6P
   64MB - 2x4Mx64 SDRAM, UNBUFFERED
W3DG647V-D2 WEDC-W3DG647V-D2 Datasheet
81Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG648V-D2 WEDC-W3DG648V-D2 Datasheet
76Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG727V-D2 WEDC-W3DG727V-D2 Datasheet
121Kb / 5P
   64MB - 8Mx72 SDRAM UNBUFFERED
WED3DG649V-D1 WEDC-WED3DG649V-D1 Datasheet
105Kb / 6P
   64MB- 8Mx64 SDRAM, UNBUFFERED
WED3DG644V-D1 WEDC-WED3DG644V-D1 Datasheet
186Kb / 8P
   32MB - 4Mx64 SDRAM, UNBUFFERED
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K Datasheet
327Kb / 14P
   64Mb K-die SDRAM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com