Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ55090QTA27PKS-G Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # BQ55090QTA27PKS-G
Description  Quarter-brick DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ55090QTA27PKS-G Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button BQ55090QTA27PKS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ55090QTA27PKS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ55090QTA27PKS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ55090QTA27PKS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters BQ55090QTA27PKS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters BQ55090QTA27PKS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters BQ55090QTA27PKS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters BQ55090QTA27PKS-G Datasheet HTML 13Page - SynQor Worldwide Headquarters BQ55090QTA27PKS-G Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Product # BQ55090QTA27
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2BQ559J Rev. C
04/02/09
Page 10
Input:
Output:
Current:
Package:
36-55 V
9.6 V
27A
Quarter-brick
Technical Specification
Application Section
BASIC OPERATION AND FEATURES
With voltages dropping and currents rising, the economics of
an Intermediate Bus Architecture (IBA) are becoming more
attractive, especially in systems requiring multiple low voltages.
IBA systems separate the role of isolation and voltage scaling
from regulation and sensing. The BusQor series bus converter
provides isolation and a coarse voltage step down in one compact
module, leaving regulation to simpler, less expensive non-
isolated converters.
In Figure A below, the BusQor module provides the isolation
stage of the IBA system. The isolated bus then distributes power
to the non-isolated buck regulators to generate the required
voltage levels at the point of load. In this case, the bucks are
represented with SynQor’s NiQor series of non-isolated dc/dc
converters. In many applications requiring multiple low voltage
outputs, significant savings can be achieved in board space and
overall system costs.
When designing an IBA system with bus converters, the designer
can select from a variety of bus voltages. While there is no
universally ideal bus voltage, most designs employ one of the
following: 12V, 9V, 7.5V, 5V, or 3.3V. Higher bus voltages can lead
to lower efficiency for the buck regulators but are more efficient
for the bus converter and provide lower board level distribution
current. Lower bus voltages offer the opposite trade offs.
SynQor’s 9.6 Vout BusQor module acts as a true dc transformer. The
output voltage is proportional to the input voltage, with a specified
“turns ratio” or voltage ratio, plus minor drop from the internal
resistive losses in the module. When used in IBA systems, the
output variation of the BusQor must be in accordance with the input
voltage range of the non-isolated converters being employed.
The BusQor architecture is very scalable, meaning multiple bus
converters can be connected directly in parallel to allow current
sharing for higher power applications.
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2, permits
the user to control when the converter is on or off. This input
is referenced to the return terminal of the input bus,
Vin(-).
There are two versions of the converter that differ by the sense
of the logic used for the ON/OFF input.
In the positive logic version, the ON/OFF input is active high
(meaning that a high turns the converter on). In the negative
logic version, the ON/OFF signal is active low (meaning that a low
turns the converter on). Figure B is a detailed look of the internal
ON/OFF circuitry. Positive logic enabled modules have N-channel
FET populated. Negative logic enabled modules have P-channel
FET populated.
Figure A: Example of Intermediate Bus Architecture using BusQor bus
converter and NiQor non-isolated converters
PROTECTION FEATURES
Input Under-Voltage Lockout: The converter is designed
to turn off when the input voltage is too low, helping avoid an
input system instability problem, described in more detail in the
application note titled “Input System Instability”. The lockout
circuitry is a comparator with DC hysteresis. When the input
voltage is rising, it must exceed the typical Turn-On Voltage
Threshold value (listed on the specification page) before the
converter will turn on. Once the converter is on, the input voltage
must fall below the typical Turn-Off Voltage Threshold value
before the converter will turn off. Also see Figure E.
Output Current Limit: The output of the BusQor module
is electronically protected against output overloads. When an
overload current greater than the “DC Current-Limit Inception”
specification is drawn from the output, the output shuts down to
zero volt in a period of 1ms typical (see Figure C). The shutdown
period lasts for a typical period of 200 ms (Figure D) after which
the BusQor tries to power up again. If the overload persists,
the output voltage will go through repeated cycles of shutdown
and restart with a duty cycle of 20 ms (On) and 200 ms (Off)
respectively. The BusQor module returns (auto resetting) to
normal operation once the overload is removed. The BusQor is
designed to survive in this mode indefinitely without damage and
without human intervention.
48Vdc
Front
End
Loads
Typical User Board
NiQor
Converters
48Vdc
42-53V
9.6Vdc
3.3 V
0.9 V
2.5 V
1.8 V
1.5 V
BusQor
Converter
Figure B: Internal ON/OFF pin circuitry
Vin+
TTL
100k
5V
On/Off
124k
Vin-
49.9k


Similar Part No. - BQ55090QTA27PKS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090QEw60xyz-G SYNQOR-BQ55090QEw60xyz-G Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
BQ55090QEX60 SYNQOR-BQ55090QEX60 Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
BQ55090QPA40 SYNQOR-BQ55090QPA40 Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ55090QPA40NKS SYNQOR-BQ55090QPA40NKS Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ55090QPA40NNS SYNQOR-BQ55090QPA40NNS Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
More results

Similar Description - BQ55090QTA27PKS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com