Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ55090ETA27NNS Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # BQ55090ETA27NNS
Description  Eighth-brick DC Bus Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ55090ETA27NNS Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button BQ55090ETA27NNS Datasheet HTML 2Page - SynQor Worldwide Headquarters BQ55090ETA27NNS Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ55090ETA27NNS Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ55090ETA27NNS Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ55090ETA27NNS Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ55090ETA27NNS Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ55090ETA27NNS Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ55090ETA27NNS Datasheet HTML 9Page - SynQor Worldwide Headquarters BQ55090ETA27NNS Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Product # BQ55090ETA27
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2BE559C Rev. B
10/10/06
Page 6
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-55 V
35-55 V
9.6 V
9.6 V
27 A
27 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
0
5
10
15
20
25
25
40
55
70
85
Ambient Air Temperature (
oC)
400 LFM
300 LFM
200 LFM
100 LFM
Figure 7: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 100 LFM through 400 LFM with air flow-
ing from output to input (nominal input voltage).
Figure 8: Thermal plot of converter at 27 amp load current (250W)
with 55°C air flowing at the rate of 200 LFM. Air is flowing across the
converter from output to input (nominal input voltage).
Figure 9: Turn-on transient at full load (resistive load) (1.0 ms/div).
Input voltage pre-applied. Top Trace: Vout (2V/div). Bottom Trace:
ON/OFF input (1V/div).
Figure 10: Turn-on transient at zero load (1.0 ms/div). Top Trace: Vout
(2V/div). Bottom Trace: ON/OFF input (1V/div).
Figure 11: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max); dI/dt = 0.1A/µ s). Load cap: 15µ F, 100 m
W ESR tantalum cap
and 1µ F ceramic cap. Top trace: Vout (200mV/div), Bottom trace: Iout (5A/div).
Figure 12: Test set-up diagram showing measurement points for Input
Terminal Ripple Current (Figure 13), Input Reflected Ripple Current
(Figure 14) and Output Voltage Ripple (Figure 15).
10 µH
source
impedance
DC/DC
Converter
See Fig. 14
See Fig. 13
See Fig. 15
1 µF
ceramic
capacitor
15 µF,
450mW ESR
tantalum
capacitor
47 µF,
<1W ESR
electrolytic
capacitor
VSOURCE
i
S
i
C
VOUT
Semiconductor junction temperature is
within 1°C of surface temperature


Similar Part No. - BQ55090ETA27NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090EZB48 SYNQOR-BQ55090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55090EZB48xyz-G SYNQOR-BQ55090EZB48xyz-G Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
More results

Similar Description - BQ55090ETA27NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55120ETL16 SYNQOR-BQ55120ETL16 Datasheet
577Kb / 13P
   Eighth-brick DC Bus Converter
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com