Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ55090QTA27 Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # BQ55090QTA27
Description  Quarter-brick DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ55090QTA27 Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button BQ55090QTA27 Datasheet HTML 2Page - SynQor Worldwide Headquarters BQ55090QTA27 Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ55090QTA27 Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ55090QTA27 Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ55090QTA27 Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ55090QTA27 Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ55090QTA27 Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ55090QTA27 Datasheet HTML 9Page - SynQor Worldwide Headquarters BQ55090QTA27 Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Product # BQ55090QTA27
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2BQ559J Rev. C
04/02/09
Page 6
Input:
Output:
Current:
Package:
36-55 V
9.6 V
27A
Quarter-brick
Technical Specification
94.0
94.5
95.0
95.5
96.0
96.5
97.0
100
200
300
400
Air Flow (LFM)
25º C
40º C
55º C
70
75
80
85
90
95
100
0
10
20
30
40
Load Current (A)
35 Vin
48 Vin
55 Vin
0
2
4
6
8
10
12
14
0
10
20
30
40
Load Current (A)
35 Vin
48 Vin
55 Vin
4
5
6
7
8
100
200
300
400
Air Flow (LFM)
25º C
40º C
55º C
0
10
20
30
40
25
40
55
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Semiconductor junction temperature is
within 1°C of surface temperature
BQ55090QTA27 Figures
Figure 1: Efficiency at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Figure 2: Efficiency at nominal output voltage and 60% rated power
vs. airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C
(nominal input voltage).
Figure 3: Power dissipation at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Figure 4: Power dissipation at nominal output voltage and 60% rated
power vs. airflow rate for ambient air temperatures of 25°C, 40°C, and
55°C (nominal input voltage).
Figure 5: Maximum output power-derating curve vs. ambient air
temperature for airflow rates of 100 LFM through 400 LFM with air
flowing from pin 1 to pin 3 (nominal input voltage).
Figure 6: Thermal plot of converter at 30 A load current (268 W) with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter
from pin 1 to pin 3 (nominal input voltage).


Similar Part No. - BQ55090QTA27

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090QEw60xyz-G SYNQOR-BQ55090QEw60xyz-G Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
BQ55090QEX60 SYNQOR-BQ55090QEX60 Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
BQ55090QPA40 SYNQOR-BQ55090QPA40 Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ55090QPA40NKS SYNQOR-BQ55090QPA40NKS Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ55090QPA40NNS SYNQOR-BQ55090QPA40NNS Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
More results

Similar Description - BQ55090QTA27

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com