Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ50120QTA20NKC Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # BQ50120QTA20NKC
Description  Quarter-brick DC Bus Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ50120QTA20NKC Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button BQ50120QTA20NKC Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ50120QTA20NKC Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ50120QTA20NKC Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ50120QTA20NKC Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ50120QTA20NKC Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ50120QTA20NKC Datasheet HTML 9Page - SynQor Worldwide Headquarters BQ50120QTA20NKC Datasheet HTML 10Page - SynQor Worldwide Headquarters BQ50120QTA20NKC Datasheet HTML 11Page - SynQor Worldwide Headquarters BQ50120QTA20NKC Datasheet HTML 12Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Product # BQ50120QTA20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2BQ512J Rev. E
03/17/06
Page 8
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
42-53 V
42-53 V
12 V
12 V
20 A
20 A
Quarter-brick
Quarter-brick
T
Technical S
echnical Specification
pecification
BASIC OPERATION AND FEATURES
With voltages dropping and currents rising, the economics of an
Intermediate Bus Architecture (IBA) are becoming more attractive,
especially in systems requiring multiple low voltages. IBA systems
separate the role of isolation and voltage scaling from regulation
and sensing. The BusQor series bus converter provides isolation
and a coarse voltage step down in one compact module, leaving
regulation to simpler, less expensive non-isolated converters.
In Figure A below, the BusQor module provides the isolation
stage of the IBA system. The isolated bus then distributes power
to the non-isolated buck regulators to generate the required volt-
age levels at the point of load. In this case, the bucks are rep-
resented with SynQor’s NiQor series of non-isolated dc/dc con-
verters. In many applications requiring multiple low voltage out-
puts, significant savings can be achieved in board space and
overall system costs.
When designing an IBA system with bus converters, the designer
can select from a variety of bus voltages. While there is no uni-
versally ideal bus voltage, most designs employ one of the fol-
lowing: 12V, 9V, 7.5V, 5V, or 3.3V. Higher bus voltages can
lead to lower efficiency for the buck regulators but are more effi-
cient for the bus converter and provide lower board level distrib-
ution current. Lower bus voltages offer the opposite trade offs.
SynQor’s 12Vout BusQor module acts as a true dc transformer.
The output voltage is proportional to the input voltage, with a
specified “turns ratio” or voltage ratio, plus minor drop from the
internal resistive losses in the module. When used in IBA sys-
tems, the output variation of the BusQor must be in accordance
with the input voltage range of the non-isolated converters being
employed.
The BusQor architecture is very scalable, meaning multiple bus
converters can be connected directly in parallel to allow current
sharing for higher power applications.
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2, permits
the user to control when the converter is on or off. This input is
referenced to the return terminal of the input bus, Vin(-). There
are two versions of the converter that differ by the sense of the
logic used for the ON/OFF input.
In the positive logic version, the ON/OFF input is active high
(meaning that a high turns the converter on). In the negative
logic version, the ON/OFF signal is active low (meaning that a
low turns the converter on). Figure B is a detailed look of the
internal ON/OFF circuitry. Positive logic enabled modules have
N-channel FET populated. Negative logic enabled modules have
P-channel FET populated.
PROTECTION FEATURES
Input Under-Voltage Lockout: The converter is designed to
turn off when the input voltage is too low, helping avoid an input
system instability problem, described in more detail in the appli-
cation note titled “Input System Instability” available on the
SynQor website. The lockout circuitry is a comparator with DC
hysteresis. When the input voltage is rising, it must exceed the
typical Turn-On Voltage Threshold value (listed on the specifica-
tion page) before the converter will turn on. Once the converter
is on, the input voltage must fall below the typical Turn-Off
Voltage Threshold value before the converter will turn off. Also
see Figure E.
Figure A: Example of Intermediate Bus Architecture using
BusQor bus converter and NiQor non-isolated converters
48Vdc
Front
End
Loads
Typical User Board
0.9 V
1.5 V
1.8 V
2.5 V
3.3 V
BusQor
Converter
NiQor
Converters
48Vdc
42-53V
12Vdc
Figure B: Internal ON/OFF pin circuitry
N-channel FET
5 k
100 k
30 k
13V
Vref (8V)
Vin+
Vin-
On/Off
Control
P-channel FET


Similar Part No. - BQ50120QTA20NKC

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ50120QTA25 SYNQOR-BQ50120QTA25 Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
BQ50120QTA25NKC SYNQOR-BQ50120QTA25NKC Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
BQ50120QTA25NKS SYNQOR-BQ50120QTA25NKS Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
BQ50120QTA25NNC SYNQOR-BQ50120QTA25NNC Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
BQ50120QTA25NNS SYNQOR-BQ50120QTA25NNS Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
More results

Similar Description - BQ50120QTA20NKC

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090QPA40 SYNQOR-BQ55090QPA40 Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ50120QTA25 SYNQOR-BQ50120QTA25 Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com