Electronic Components Datasheet Search |
|
AQ0300MU3TSABF Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters |
|
AQ0300MU3TSABF Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters |
11 / 13 page AC Input: DC Output: Power: Grade: 85-264 VRMS 12/24/36/48V Semi-reg. 300 W Series Medical Technical Specification Product # AQ0300MUxT Series Phone 1-888-567-9596 www.synqor.com Doc.# 005-005047 Rev. A 09/09/08 Page 11 INSTALLATION INSTRUCTIONS General:ACuQor AC/DC power supplies are intended for use as components in medical and industrial equipment. ACuQor units must be properly installed within end use equipment before they can be safely applied as described in this document. The suitability of the ACuQor/equipment combination must be verified through end product investigation. Mounting:Refer to the Mechanical Drawings section. ACuQor units are provided with threaded stainless-steel stand-offs or inserts for mounting. This mounting hardware is internally con- nected to the input connector protective-earth terminal for func- tional-earth EMC control. Any orientation (vertical, horizontal, etc.) may be used. Adequate air space should be provided over the fan intake (top) and exhaust (sides) to allow for exchange of cooling air. ACuQor is designed for a pollution degree 2 environ- ment. The suitability of the enclosed ACuQor mechanical assem- blies must be verified through end product investigation. Encased models: A minimum of 5 mm electrical clearance should be allowed from the connector ends of encased models. Input:Refer to the Connector Details section for input connector wiring. ACuQor products require a single phase AC power source of 100-240V 50/60Hz nominal. Refer to nameplate label for input current ratings. A protective-earth connection is also required. Minimum wire size of 18 AWG (0.8mm2) is recommended. Both sides of the AC line are internally fused (see table for specific models). These fuses are not user replaceable . MODEL Input Fuses (in Both AC Lines) Fuses Total AQ0300 Littelfuse6.3A250V21606.3XEP 2 AQ0400 Littelfuse6.3A250V21606.3XEP 2 AQ0500 Littelfuse10.0A250V216010XEP 2 Output:Refer to the Connector Details section for output con- nector wiring and signal I/O functionality. Refer to nameplate label for output current ratings. Main DC output (Vout+, Vout-) pins should use 20 AWG (0.5mm2) wire size. Individual main output pins should not be loaded to more than 5.5 A. For cur- rents greater than 5.5 A, multiple main output pins/wires must be used in parallel. All signal I/O pins are referenced to Vout-. EMC:ACuQor products have been tested to the EMC specifica- tions listed in the Electrical Characteristics section. However, end use equipment must be tested to verify EMC compliance. . Hipot Testing: ACuQor products are rated for Hipot testing levels of 1500 Vac input to protective-earth, 1500 Vac output to protective-earth, and 4000 Vac input to output. When performing the 4000 Vac input to output test, the test voltage must be bal- anced evenly 2000 Vac input and output to protective-earth. Two oppositely phased test voltage sources or a single test voltage source with external balancing impedances (capacitors) may be used to prevent overstressing input or output to protective-earth insulation per IEC60601-1 2005 sub clause 8.8.1 and IEC60601-1 1990 sub clause 20.4g. Patient Contact: ACuQor models include versions designed for BF and CF patient contact application per IEC60601-1. These ACuQor models provide reinforced insulation at the DC output voltage level and basic insulation at the 240 Vac level from output to protective-earth. Note that equipment and wiring may add to system leakage currents so that the end product must be tested for compliance. Refer to the Electrical Characteristics section for typical ACuQor input and output leakage currents. In addition, ACuQor defibrillation rated models comply with the minimum output to protective-earth creepage/clearance requirement and defibrillator pulse test of IEC60601-1. Chassis configurations for Parallel Units ACuQor units are available either open-frame or pre-mounted at the factory. Up to 3 units can be mounted into a chassis, in either side-by-side or stacked configurations. For a complete list of options, see the “Part Numbering System” table on the last page, under “Package Type”, along with the Mechanical Drawings pages. Only side-by-side configurations can be populated with 500W units, since each includes a thermal pad underneath. Interconnection of Parallel Units ACuQor units mounted in 2 and 3 unit chassis are not connected together. This allows the physical routing and connectivity of the external wiring to be customized to each application. The following table summarizes the recommended wiring to operate multiple units in parallel: Specifications of Parallel Units As a rule, units wired in parallel behave the same as single units. Any specification will remain unchanged that is expressed in units of voltage, time, frequency, or efficiency. Specifications expressed in terms of power, current, or capacitance, should be scaled by the number of units wired in parallel. ACuQor units are individually calibrated at the factory, so that the output voltage vs. output current characteristic is always consistent (see Vout droop characteristic figures). As such, multiple units will share output current accurately. Full current is guaranteed from a bank of multiple units wired in parallel. PARALLEL OPERATION - MULTIPLE UNITS PART NUMBERING SYSTEM The part numbering system for SynQor’s ACuQor AC/DC power supplies follows the format shown in the table below. Notallcombinationsmakevalidpartnumbers,pleasecontactSynQorforavailability. ACCESSORIES SynQoroffersaseriesofassembliesthatcanbeorderedaccordingtothetablebelow.Mechanicaldrawingsfortheseaccessoriesare availablefordownloadinpdfformatfromtheSynQorwebsite. APPLICATION NOTES AvarietyofapplicationnotesandtechnicalwhitepaperscanbedownloadedinpdfformatfromtheSynQorwebsite. PATENTS SynQorholdsthefollowingpatents,oneormoreofwhichmightapplytothisproduct: 5,999,417 6,222,742 6,545,890 6,577,109 6,594,159 6,731,520 6,894,468 6,896,526 6,927,987 7,050,309 7,072,190 7,085,146 7,119,524 7,269,034 7,272,021 7,272,023 Warranty:SynQoroffersatwo(2)yearlimitedwarranty.Completewarrantyinforma- tionislistedonourwebsiteorisavailableuponrequestfromSynQor. Limitation on use: SynQor’s products are not authorized for use and should not be used,withoutthespecificpriorwrittenapprovalofanauthorizedofficerofSynQor makingspecificreferencehereto,inanylifesupportsystem,nuclearfacilityorapplica- tion,aircraftcontrolapplicationoranyotherapplicationinwhichfailureoftheproduct couldreasonablyresultinharmtolife,propertyortheenvironment. InformationfurnishedbySynQorisbelievedtobeaccurateandreliable.However, noresponsibilityisassumedbySynQorforitsuse,norforanyinfringementsofpatents orotherrightsofthirdpartieswhichmayresultfromitsuse.Nolicenseisgrantedby implicationorotherwiseunderanypatentorpatentrightsofSynQor. Contact SynQor for further information: Phone: 978-849-0600 TollFree: 888-567-9596 Fax: 978-849-0602 E-mail: power@synqor.com Web: www.synqor.com Address: 155SwansonRoad Boxborough,MA01719,USA Family Output Power Grade Range Output Voltage (xx=Standard; xT=Triple) Package Type (Correlates to Output Power) Thermal Design Options AQ ACuQor series of ac-dc semi-regulated output power supplies 0300 : 300 W 0400 : 400 W 0500 : 500 W 0600 : 600 W (2 x 300 W) 0800 : 800 W (2 x 400 W) 0900 : 900 W (3 x 300 W) 1000 : 1000 W (2 x 500 W) 1200 : 1200 W (3 x 400 W) 1500 : 1500 W (3 x 500 W) M : medical U : universal (85-264 V RMS) 12 : 12 V 1T : 12 V / 5 & 12 V STBY 24 : 24 V 2T : 24 V / 5 & 12 V STBY 36 : 36 V 3T : 36 V / 5 & 12 V STBY 48 : 48 V 4T : 48 V / 5 & 12 V STBY E : 1 unit (3" x 5") R : 2 units; flat S : 2 units; stacked T : 3 units; flat U : 3 units; stacked A : open frame C : encased Q : encased only Medical Grade: BF : BF isolation rating CF : CF isolation rating CFD : CF isolation rating defibrillator proof Part Number Description AQ-CBL-INPUT1C Input mating cable with pre-stripped wire ends (36" long). AQ-CBL-OUT1C Output mating cable with pre-stripped wire ends (18" long). AQ-CBL-OUT1CD Same as AQ-CBL-OUT1C with an additional 8-pin connector. AQ-CBL-OUT2C Output mating cable with connectors on both ends (18" long). AQ-CBL-OUT2CD Same as AQ-CBL-OUT2C with an additional 8-pin connector. AQ-INSUL1M Single module bottom-side Mylar insulator for open frame mounting. AQ-EVAL-PRL3 Evaluation board for up to three paralleled modules. Output Connector Signal Suggested Connection Behavior with Multiple Units REMOTE_ENABLE Wire in parallel Inputs activated simultaneously FAN_GOOD “ Wired-OR outputs – can be pulled low by any unit during an abnormal condition. AC_POWER_GOOD “ “ DC_POWER_GOOD “ “ VOUT(+), VOUT(-) “ Built-in droop characteristic ensures graceful current sharing. 12V_STANDBY* “ “ 5V_STANDBY Do not wire in parallel Fully regulated characteristic does not support current sharing. If placed in parallel, only the output with the highest set-point will drive current. *Note: Triple output models only. |
Similar Part No. - AQ0300MU3TSABF |
|
Similar Description - AQ0300MU3TSABF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |