Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM5240B Datasheet(PDF) 1 Page - SynSemi, Inc.

Part # ZMM5240B
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

ZMM5240B Datasheet(HTML) 1 Page - SynSemi, Inc.

  ZMM5240B Datasheet HTML 1Page - SynSemi, Inc. ZMM5240B Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZMM5225B - ZMM5267B
ZENER DIODES
VZ : 3.0 to 75V
PD : 500mW
FEATURES :
• Silicon planar zener diodes
• Standard Zener voltage tolerance is ±5%
• Other tolerances are available upon request.
• These diodes are also available in the DO-35 case
with the type designation 1N5225B … 1N5267B,
• Pb / RoHS Free
MECHANICAL DATA :
* Case : MiniMELF Glass Case (SOD-80C)
* Weight : 0.05 gram (approximately)
Maximum Ratings and Thermal Characteristics
Rating at 25
°C ambient temperature unless otherwise specifie.
Symbol
Value
Unit
Zener Current see Table "Characteristics"
Maximum Forward Voltage at IF = 200 mA.
VF
1.25
V
Power Dissipation at Tflange = 75
°C
PD
500
(1)
mW
Thermal Resistance Junction to Ambient Air
RθJA
300
(1)
°C/W
Junction temperature
TJ
175
°C
Storage temperature range
TS
-65 to + 150
°C
Note: (1) Valid provided that electrodes are kept at ambient temperature
Page 1 of 2
Rev. 02 : March 25, 2005
Parameter
0.142(3.6)
0.134(3.4)
φ 0.063 (1.64)
0.055 (1.40)
0.019(0.48)
0.011(0.28)
Cathode Mark
Dimensions in inches and ( millimeters )
MiniMELF (SOD-80C)
Mounting Pad Layout
0.197 (5.00)
REF
0.049 (1.25)Min.
0.098 (2.50)
Max.
0.079 (2.00)Min.


Similar Part No. - ZMM5240B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ZMM5240B RECTRON-ZMM5240B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
logo
Shenzhen Ping Sheng Ele...
ZMM5240B PFS-ZMM5240B Datasheet
139Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZMM5240B DIODES-ZMM5240B Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
ZMM5240B JGD-ZMM5240B Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
logo
EIC discrete Semiconduc...
ZMM5240B EIC-ZMM5240B Datasheet
126Kb / 2P
   ZENER DIODES
More results

Similar Description - ZMM5240B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com