Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SWFA4120P00 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # SWFA4120P00
Description  Single Window Fixed In-line Attenuators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWFA4120P00 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  SWFA4120P00 Datasheet HTML 1Page - OPLINK Communications Inc. SWFA4120P00 Datasheet HTML 2Page - OPLINK Communications Inc. SWFA4120P00 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Performance Specifications
Single Window Fixed In-line
Features
Wavelength Independent
Low Insertion Loss and PDL
High Power Handling
Guaranteed Reliability
Applications
Flatness Adjustment
Power Management
Testing Instruments
Laboratory R&D
SWFA Series
The Oplink fused single window wideband Fixed In-line Attenuators provide accurate
attenuation over wide bandwidth with high performance and high reliability. These
attenuators have excellent temperature stability, very good wavelength flatness, very
low polarization sensitivity and are available with various attenuation ratios, wave-
length ranges, and connector options. All devices are shown to be able to handle
high optical power up to 4W and are tested according to industry standard proce-
dures. Reliability is guaranteed through stringent tests to fully meet Telcordia
GR-1221 requirements.
Oplink can provide customized designs to meet specialized feature applications.
Also,Oplink offers modular assemblies that integrate other components to form a full
functionmodule or subsystem.
Oplink Communications, Inc.
R1.20070731
Single Window Fixed In-line Attenuators
(1310, S, C, L, and C+L band)
Attenuators
(1310, S, C, L, and C+L band)
Parameter
1310nm
S band
C band
L band
C+L band
Operating Wavelength Range
nm
1270~1350
1420~1500
1530~1565
1570~1605
1530~1610
Insertion Loss1
See Insertion Loss Table I, II, III
50 dB
min
Return Loss
Temperature Dependent Loss2
< 0.15 dB
min
4 W
max
Optical Power Handling
Operating Temperature Range3
-40 to 75 °C
-40 to 58 °C
Storage Temperature Range
P1: 250µm SMF-28 bare fiber
(Ø)3.0 x (L)47 mm
(Ø)3.0 x (L)60 mm
Package Dimension 4
P2: 900µm loose tube
P3: 3mm cable
1
2
2
1
-
R
G
a
i
d
r
o
c
l
e
T
Qualifications
1. Values are referenced without connector loss.
2. Temperature Sensitivity Coefficient ~0.002dB/°C at the range of -5 to 75°C
3. Operating temperature range changes to -5 to 75°C in P2, P3 package and all package with connectors
4. The mechanical tolerance should be +/- 0.2 mm on all package dimensions unless otherwise custom specified.
Fiber Type
Corning SMF-28
(L)96 x(W)12 x (H)6.4mm
L
Ø
Input
Output


Similar Part No. - SWFA4120P00

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWFA OPLINK-SWFA Datasheet
169Kb / 3P
   Single Window Fixed In-line Attenuators
SWFA-S0101 OPLINK-SWFA-S0101 Datasheet
169Kb / 3P
   Single Window Fixed In-line Attenuators
SWFA3118P001111 OPLINK-SWFA3118P001111 Datasheet
169Kb / 3P
   Single Window Fixed In-line Attenuators
SWFA3118P001112 OPLINK-SWFA3118P001112 Datasheet
169Kb / 3P
   Single Window Fixed In-line Attenuators
SWFA3118P0011H1 OPLINK-SWFA3118P0011H1 Datasheet
169Kb / 3P
   Single Window Fixed In-line Attenuators
More results

Similar Description - SWFA4120P00

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWFA-S0101 OPLINK-SWFA-S0101 Datasheet
169Kb / 3P
   Single Window Fixed In-line Attenuators
SWFA OPLINK-SWFA Datasheet
169Kb / 3P
   Single Window Fixed In-line Attenuators
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
   FIXED ATTENUATORS
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
   Fixed Attenuators
REV. OR
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
   FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
   FIXED ATTENUATORS
K1-UNAT-A++ MINI-K1-UNAT-A+ Datasheet
179Kb / 1P
   Fixed Attenuators
REV. OR
K1-HAT-A++ MINI-K1-HAT-A+ Datasheet
203Kb / 1P
   Fixed Attenuators
REV. OR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com