Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMTC1450A011 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # PMTC1450A011
Description  Polarization Maintaining Tap Coupler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PMTC1450A011 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  PMTC1450A011 Datasheet HTML 1Page - OPLINK Communications Inc. PMTC1450A011 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
PMTC Series
Specifications
Unit
Ultra P Grade
P Grade
A Grade
Wavelength Range
1450 ± 30
nm
1480 ± 30
1550 ± 30
Insertion Loss Signal Port
5%
≤ 13.8
dB
10%
≤ 10.8
50%
≤ 3.8
Insertion Loss Tap Port
5%
≤ 1.0
dB
10%
≤ 1.3
50%
≤ 3.8
Extinction Ratio @ 23 °C
≥ 23
≥ 20
≥ 18
dB
Optical Return Loss
≥ 50
dB
Directivity
≥ 50
dB
Direction of Incident Polarization
Slow Axis
dB
Operting Power Handling
≤ 500
mW
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber Type
Fujikura Panda PM Fiber
Physical
Dimensions
P1 bare fiber
5.5±0.1 (Φ) x 34.0±1 (L)
mm
P2 900μm loose tube
5.5±0.1 (Φ) x 40.0±1 (L)
Applications
Performance Specificationns
Note:
1)
All the parameters are excluding connectors; ER is 3dB lower and after connector added
R00.20090612
Polarization Maintaining Tap Coupler
PMTC Series
Oplink’s polarization maintaining tap couplers is based on athermal platform.
The technology is a lead-free packaging platform and no epoxy in the optical
path.These devices feature super high extinction ratio, very high power han-
dling and low insertion loss. Oplink’s patented packaging technology ensures
the highest quality and reliability.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other components
to form a full function module or subsystem.
Super High Extinction Ratio
Low Insertion Loss
Highly Stable & Reliable
Epoxy-Free Optical Path
Compact Size
High-Power Handling
EDFA
Raman Amplifier
40-Gbps, 100-Gbps Transmission
System
Laboratory R&D


Similar Part No. - PMTC1450A011

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PMTC145010A1113 OPLINK-PMTC145010A1113 Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC145010A1114 OPLINK-PMTC145010A1114 Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC145010A1153 OPLINK-PMTC145010A1153 Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC145010A1154 OPLINK-PMTC145010A1154 Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC145010A1213 OPLINK-PMTC145010A1213 Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
More results

Similar Description - PMTC1450A011

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PMTC-S0068 OPLINK-PMTC-S0068 Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC OPLINK-PMTC Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
logo
JDS Uniphase Corporatio...
FFP-513145 JDSU-FFP-513145 Datasheet
120Kb / 3P
   Fused Coupler,Polarization Maintaining (PM)
logo
OPLINK Communications I...
PMOC13100031 OPLINK-PMOC13100031 Datasheet
291Kb / 2P
   Polarization Maintaining Optical Circulators
PMOC-S0067 OPLINK-PMOC-S0067 Datasheet
154Kb / 2P
   Polarization Maintaining Optical Circulators
PMBC OPLINK-PMBC Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
logo
Lightel Technologies IN...
PMPC-0980-1-B-1 LIGHTEL-PMPC-0980-1-B-1 Datasheet
88Kb / 1P
   Polarization Maintaining Patch Cord
logo
OPLINK Communications I...
PBOC OPLINK-PBOC Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter
PMBC-S0066 OPLINK-PMBC-S0066 Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
PMBC1450P0011 OPLINK-PMBC1450P0011 Datasheet
195Kb / 2P
   Polarization Maintaining Beam Combination
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com