Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC339MDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC339MDR
Description  LinCMOSE MICROPOWER QUAD COMPARATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC339MDR Datasheet(HTML) 4 Page - Texas Instruments

  TLC339MDR Datasheet HTML 1Page - Texas Instruments TLC339MDR Datasheet HTML 2Page - Texas Instruments TLC339MDR Datasheet HTML 3Page - Texas Instruments TLC339MDR Datasheet HTML 4Page - Texas Instruments TLC339MDR Datasheet HTML 5Page - Texas Instruments TLC339MDR Datasheet HTML 6Page - Texas Instruments TLC339MDR Datasheet HTML 7Page - Texas Instruments TLC339MDR Datasheet HTML 8Page - Texas Instruments TLC339MDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TLC139, TLC339, TLC339Q
LinCMOS
™ MICROPOWER QUAD COMPARATORS
SLCS119 – DECEMBER 1986 – REVISED JANUARY 1991
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
TLC339C
UNIT
MIN
NOM
MAX
UNIT
Supply voltage, VDD
3
5
16
V
Common-mode input voltage, VIC
– 0.2
VDD – 1.5
V
Low-level output current, IOL
8
20
mA
Operating free-air temperature,TA
0
70
°C
electrical characteristics at specified operating free-air temperature, VDD = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS†
TA
TLC339C
UNIT
PARAMETER
TEST CONDITIONS†
TA
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = VICRmin,
VDD = 5 V to 10 V,
25
°C
1.4
5
mV
VIO
Input offset voltage
IC
ICR
,
See Note 3
DD
,
0
°C to 70°C
6.5
mV
IIO
Input offset current
VIC =2 5V
25
°C
1
pA
IIO
Input offset current
VIC = 2.5 V
70
°C
0.3
nA
IIB
Input bias current
VIC =2 5V
25
°C
5
pA
IIB
Input bias current
VIC = 2.5 V
70
°C
0.6
nA
VICR
Common-mode input
25
°C
0 to
VDD –1
V
VICR
voltage range
0
°C to 70°C
0 to
VDD – 1.5
V
Cd
j
ti
25
°C
84
CMRR
Common-mode rejection
ratio
VIC = VICRmin
70
°C
84
dB
ratio
0
°C
84
S
l
lt
j
ti
25
°C
85
kSVR
Supply-voltage rejection
ratio
VDD = 5 V to 10 V
70
°C
85
dB
ratio
0
°C
85
VOL
Low level output voltage
VID =1 V
IOL =6mA
25
°C
300
400
mV
VOL
Low-level output voltage
VID = – 1 V,
IOL = 6 mA
70
°C
650
mV
IOH
High level output current
VID =1 V
VO =5V
25
°C
0.8
40
nA
IOH
High-level output current
VID = – 1 V,
VO = 5 V
70
°C
1
µA
IDD
Supply current (four
Outputs low
No load
25
°C
44
80
µA
IDD
y(
comparators)
Outputs low,
No load
0
°C to 70°C
100
µA
† All characteristics are measured with zero common-mode voltage unless otherwise noted.
NOTE 4: The offset voltage limits given are the maximum values required to drive the output up to 4.5 V or down to 0.3 V with a 2.5-k
Ω load to
VDD.


Similar Part No. - TLC339MDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC339MDR TI-TLC339MDR Datasheet
991Kb / 30P
[Old version datasheet]   LinCOMS MICROPOWER QUAD COMPARATORS
TLC339MDRG4 TI-TLC339MDRG4 Datasheet
991Kb / 30P
[Old version datasheet]   LinCOMS MICROPOWER QUAD COMPARATORS
More results

Similar Description - TLC339MDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3704 TI-TLC3704 Datasheet
350Kb / 31P
[Old version datasheet]   QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC3702 TI-TLC3702 Datasheet
383Kb / 26P
[Old version datasheet]   DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC339IPW TI-TLC339IPW Datasheet
991Kb / 30P
[Old version datasheet]   LinCOMS MICROPOWER QUAD COMPARATORS
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
   3V MICROPOWER QUAD VOLTAGE COMPARATORS
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TS3704C STMICROELECTRONICS-TS3704C Datasheet
51Kb / 6P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TS339 STMICROELECTRONICS-TS339_05 Datasheet
124Kb / 9P
   Micropower Quad CMOS Voltage Comparators
TS339C STMICROELECTRONICS-TS339C Datasheet
51Kb / 6P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
logo
Texas Instruments
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com