Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFOI050100CE126 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # CFOI050100CE126
Description  50GHz Compact Fiber Optical Interleaver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

CFOI050100CE126 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  CFOI050100CE126 Datasheet HTML 1Page - OPLINK Communications Inc. CFOI050100CE126 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Performance Specifications
Green
50GHz Compact Fiber
Optical Interleaver
CFOI050GHz
Oplink’s compact, low-dispersion interleavers greatly expand wavelength chan-
nel counts in DWDM systems. It is the best solution to upgrade existing 100GHz
spacing transport system. Oplink’s DWDM interleavers feature excellent wide,
flat passband and high isolation. Both Mux and Demux functions are supported.
These interleavers are athermal and therefore require no temperature control.
Its stable center wavelength accuracy over C or L band 80 channels is suitable
for higher bit rate application. The Green CFOI is compliant with industry green
initiatives such as RoHS and WEEE.
Oplink Communications, Inc.
R5.20080410
Features
Compact Size
Low Dispersion
Completely Passive
Ultra-low Insertion Loss
Highly Stable & Reliable
Epoxy-Free Optical Path
Environmental Green Plan
Compliance
Applications
Metro and Long Haul DWDM
Systems
Network Capacity Expansion
Signal Comb Filtering
Unit
GHz
dB
dB
dB
ps
dBm
°C
°C
Note:
nm
GHz
dB
dB
dB
GHz
dB
mm
GHz
Parameter
Min.
ITU Grid
50
100
+/-8
Insertion Loss 1
1.0
1.8
Ripple
0.3
0.2
Insertion Loss Uniformity
0.4
0.2
Adjacent Channel Isolation
22
Polarization Dependent Loss (PDL)
0.3
0.2
Chromatic Dispersion
55
50
50
45
0
+85
Fiber Type
Corning SMF-28
Packaging Dimensions 3
Typical
Max.
1529.55
1561.42
Central Wavelength Range
Central Frequency Range
196000
192000
Input Channel Spacing
Output Channel Spacing
Operating Power Handling
Operating Temperature
Storage Temperature
Directivity
Return Loss
Polarization Mode Dispersion (PMD)
Clear Bandwidth
Channel Center Wavelength
0.3
0.2
-30
+30
ps/nm
24
-40
100.5 (L) x 60 (W) x 10.3 (H)
65
1. The maximum IL is under all states of polarization and within the full operating temperature and wavelength ranges
specified.
2. All the parameters are excluding connectors.
3. The mechanical tolerance should be +/-0.2mm on all package dimensions unless otherwise custom specified.


Similar Part No. - CFOI050100CE126

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CFOI050100CE126 OPLINK-CFOI050100CE126 Datasheet
347Kb / 2P
   50GHz Compact Fiber Optical Interleaver
More results

Similar Description - CFOI050100CE126

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CFOI050 OPLINK-CFOI050 Datasheet
347Kb / 2P
   50GHz Compact Fiber Optical Interleaver
CFOI050-S0004 OPLINK-CFOI050-S0004 Datasheet
347Kb / 2P
   Green 50GHz Compact Fiber Optical Interleaver
CFOI100 OPLINK-CFOI100 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI100-S0005 OPLINK-CFOI100-S0005 Datasheet
218Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI025 OPLINK-CFOI025 Datasheet
192Kb / 2P
   25GHz Compact Fiber Optical Interleaver
logo
Finisar Corporation.
FINF050-100CLA1 FINISAR-FINF050-100CLA1 Datasheet
164Kb / 2P
   50GHz Interleaver
logo
OPLINK Communications I...
CFOI025-S0387 OPLINK-CFOI025-S0387 Datasheet
192Kb / 2P
   Green 25GHz Compact Fiber Optical Interleaver
CFOI100 OPLINK-CFOI100 Datasheet
200Kb / 2P
   Optical Interleaver
logo
Roithner LaserTechnik G...
FCC-6512-5 ROITHNER-FCC-6512-5 Datasheet
99Kb / 2P
   Optical Fiber Checker
logo
OPLINK Communications I...
DURA-S0317 OPLINK-DURA-S0317 Datasheet
176Kb / 2P
   Optical Fiber Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com