Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ6.5CA Datasheet(PDF) 2 Page - SynSemi, Inc.

Part # SMCJ6.5CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

SMCJ6.5CA Datasheet(HTML) 2 Page - SynSemi, Inc.

  SMCJ6.5CA Datasheet HTML 1Page - SynSemi, Inc. SMCJ6.5CA Datasheet HTML 2Page - SynSemi, Inc. SMCJ6.5CA Datasheet HTML 3Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25°C ambient temperature unless otherwise specified)
Working Peak
Maximum
Maximum
Maximum
Breakdown Voltage @ IT
(1)
Reverse
Reverse
Peak Pulse
Clamping
Voltage
Leakage
Surge Current
Voltage @ IPPM
@ VWM
VBR (V)
IT
VWM
ID
IPPM
VC
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
SMCJ5.0A
SMCJ5.0CA
(4)
6.40
7.07
10
5.0
1000
163.0
9.2
SMCJ6.0A
SMCJ6.0CA
6.67
7.37
10
6.0
1000
145.6
10.3
SMCJ6.5A
SMCJ6.5CA
7.22
7.98
10
6.5
500
133.9
11.2
SMCJ7.0A
SMCJ7.0CA
7.78
8.6
10
7.0
200
125.0
12.0
SMCJ7.5A
SMCJ7.5CA
8.33
9.21
1.0
7.5
100
116.3
12.9
SMCJ8.0A
SMCJ8.0CA
8.89
9.83
1.0
8.0
50
110.3
13.6
SMCJ8.5A
SMCJ8.5CA
9.44
10.4
1.0
8.5
20
104.2
14.4
SMCJ9.0A
SMCJ9.0CA
10.0
11.1
1.0
9.0
10
97.4
15.4
SMCJ10A
SMCJ10CA
11.1
12.3
1.0
10
5.0
88.2
17.0
SMCJ11A
SMCJ11CA
12.2
13.5
1.0
11
5.0
82.4
18.2
SMCJ12A
SMCJ12CA
13.3
14.7
1.0
12
5.0
75.4
19.9
SMCJ13A
SMCJ13CA
14.4
15.9
1.0
13
5.0
69.8
21.5
SMCJ14A
SMCJ14CA
15.6
17.2
1.0
14
5.0
64.7
23.2
SMCJ15A
SMCJ15CA
16.7
18.5
1.0
15
5.0
61.5
24.4
SMCJ16A
SMCJ16CA
17.8
19.7
1.0
16
5.0
57.7
26.0
SMCJ17A
SMCJ17CA
18.9
20.9
1.0
17
5.0
54.3
27.6
SMCJ18A
SMCJ18CA
20.0
22.1
1.0
18
5.0
51.4
29.2
SMCJ20A
SMCJ20CA
22.2
24.5
1.0
20
5.0
46.3
32.4
SMCJ22A
SMCJ22CA
24.4
26.9
1.0
22
5.0
42.3
35.5
SMCJ24A
SMCJ24CA
26.7
29.5
1.0
24
5.0
38.6
38.9
SMCJ26A
SMCJ26CA
28.9
31.9
1.0
26
5.0
35.6
42.1
SMCJ28A
SMCJ28CA
31.1
34.4
1.0
28
5.0
33.0
45.4
SMCJ30A
SMCJ30CA
33.3
36.8
1.0
30
5.0
31.0
48.4
SMCJ33A
SMCJ33CA
36.7
40.6
1.0
33
5.0
28.1
53.3
SMCJ36A
SMCJ36CA
40.0
44.2
1.0
36
5.0
25.8
58.1
SMCJ40A
SMCJ40CA
44.4
49.1
1.0
40
5.0
23.3
64.5
SMCJ43A
SMCJ43CA
47.8
52.8
1.0
43
5.0
21.6
69.4
SMCJ45A
SMCJ45CA
50.0
55.3
1.0
45
5.0
20.6
72.7
SMCJ48A
SMCJ48CA
53.3
58.9
1.0
48
5.0
19.4
77.4
SMCJ51A
SMCJ51CA
56.7
62.7
1.0
51
5.0
18.2
82.4
SMCJ54A
SMCJ54CA
60.0
66.3
1.0
54
5.0
17.2
87.1
SMCJ58A
SMCJ58CA
64.4
71.2
1.0
58
5.0
16.0
93.6
SMCJ60A
SMCJ60CA
66.7
73.7
1.0
60
5.0
15.5
96
SMCJ64A
SMCJ64CA
71.1
78.6
1.0
64
5.0
14.6
103
SMCJ70A
SMCJ70CA
77.8
86
1.0
70
5.0
13.3
113
SMCJ75A
SMCJ75CA
83.3
92.1
1.0
75
5.0
12.4
121
SMCJ78A
SMCJ78CA
86.7
95.8
1.0
78
5.0
11.9
126
SMCJ85A
SMCJ85CA
94.4
104
1.0
85
5.0
10.9
137
SMCJ90A
SMCJ90CA
100
111
1.0
90
5.0
10.3
146
SMCJ100A
SMCJ100CA
111
123
1.0
100
5.0
9.3
162
SMCJ110A
SMCJ110CA
122
135
1.0
110
5.0
8.5
177
SMCJ120A
SMCJ120CA
133
147
1.0
120
5.0
7.8
193
SMCJ130A
SMCJ130CA
144
159
1.0
130
5.0
7.2
209
SMCJ150A
SMCJ150CA
167
185
1.0
150
5.0
6.2
243
SMCJ160A
SMCJ160CA
178
197
1.0
160
5.0
5.8
259
SMCJ170A
SMCJ170CA
189
209
1.0
170
5.0
5.50
275
SMCJ188A
SMCJ188CA
209
231
1.0
188
5.0
4.60
328
Notes :
(1) Pulse test : tp < 50ms.
(2) Surge Current Waveform per Figure 5 and Derate per Figure 1
(3) For bi-directional types have VWM of 10 Volts and less , the ID limit is doubled
(4) For the bi-directional SMBJ5.0CA, the maximum VBR is 7.25V
(5) "SMCJ" will be omitted in marking on the diode.
Page 2 of 3
Rev.02 : January 28, 2004
Type No.
Uni-directional
Bi-directional


Similar Part No. - SMCJ6.5CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ6.5CA FAIRCHILD-SMCJ6.5CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Shanghai Semitech Semic...
SMCJ6.5CA SEMITECH-SMCJ6.5CA Datasheet
245Kb / 6P
   Low profile package
logo
PACELEADER INDUSTRIAL
SMCJ6.5CA PACELEADER-SMCJ6.5CA Datasheet
137Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
SMCJ6.5CA HUAXINAN-SMCJ6.5CA Datasheet
420Kb / 5P
   1500W Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMCJ6.5CA LUGUANG-SMCJ6.5CA Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ6.5CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com