Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4154 Datasheet(PDF) 1 Page - SynSemi, Inc.

Part # 1N4154
Description  HIGH SPEED SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

1N4154 Datasheet(HTML) 1 Page - SynSemi, Inc.

  1N4154 Datasheet HTML 1Page - SynSemi, Inc. 1N4154 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4154
HIGH SPEED SWITCHING DIODE
FEATURES :
• High switching speed: max. 2 ns
• Reverse voltage:max. 25 V
• Repetitive peak reverse voltage:max. 35 V
• Pb / RoHS Free
MECHANICAL DATA :
Case:
DO-35 Glass Case
Weight:
approx. 0.13g
Maximum Ratings and Thermal Characteristics (Ta = 25 °C unless otherwise noted)
Symbol
Value
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
35
V
Maximum Reverse Voltage
VR
25
V
Maximum Average Forward Current
IF(AV)
mA
Maximum Forward Current
IF
mA
Maximum Repetitive Peak Forward Current
IFRM
mA
Maximum Peak Forward Surge Current at tp = 1µs
IFSM
2.0
A
Thermal Resistance Junction to Ambient (l =4mm, TL = constant)
RӨJA
350
K/W
Power Dissipation (l = 4mm, TL ≤ 25 °C)
PD
500
mW
Operating Junction Temperature
TJ
175
°C
Storage Temperature Range
TSTG
-65 to + 175
°C
Electrical Characteristics (Ta = 25 °C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
IR
VR = 25 V
-
9
100
nA
VR = 25 V , Ta = 150 °C
-
-
100
µA
Forward Voltage
VF
IF = 30 mA
-
0.88
1.0
V
Reverse Breakdown Voltage
V(BR)R
IR = 5 µA ,tp/T =0.01,tp=0.3ms
35
-
-
V
Diode Capacitance
Cd
-
-
4
pF
IF = IR = 10 mA, iR = 1 mA
--
4
ns
IF = 10 mA , VR = 6 V,
RL = 100 Ω, iR= 0.1 x IR
Page 1 of 2
Rev. 01 : May 9, 2006
ns
Reverse Recovery Time
-
Trr
-2
300
500
Parameter
f = 1MHz ; VR = 0, VHF = 50mV
Reverse Current
150
Test Condition
DO - 35 Glass
(DO-204AH)
0.079(2.0 )max.
0.150 (3.8)
max.
0.020 (0.52)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark


Similar Part No. - 1N4154

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4154 VISHAY-1N4154 Datasheet
39Kb / 4P
   Silicon Epitaxial Planar Diode
Rev. 1.8, 16-Feb-07
logo
List of Unclassifed Man...
1N4154 ETC1-1N4154 Datasheet
266Kb / 6P
   silicon diode
logo
EIC discrete Semiconduc...
1N4154 EIC-1N4154 Datasheet
128Kb / 2P
   HIGH SPEED SWITCHING DIODE
logo
Semtech Corporation
1N4154 SEMTECH-1N4154 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1N4154 BILIN-1N4154 Datasheet
332Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - 1N4154

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com