Part Name
         Description
OISS1550AL01

 Polarization Insensitive Fiber Isolator ( 2 Page)


OPLINK
100% 
Zoom Out Zoom In
   
 2 page
background image
1525
1530
1535
1540
1545
1550
1555
1560
1565
0
5
10
15
20
25
30
35
40
45
50
Wavelength (nm)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
Ordering Information
OISS
0
1
Wavelength
1310 nm=1310
1480 nm=1480
1550 nm=1550
1585 nm=1585
Package Type
P1=1
Fiber Type
250 µm SMF-28=1
900 µm tight buffer=5
Fiber Length
1 Meter=1*
1.5 Meters=5
2 Meters=2
Connector Type
None=1
FC/PC=2
FC/SPC=3
FC/APC=4
SC/PC=5
SC/SPC=6
SC/APC=7
ST=8
LC=9
MU=A
* 1 meter is standard. The lead time for
special fiber length will be longer.
Grade
P Grade=P
A Grade=A
PMD Options
Standard=S
Low PMD=L
-10
0
10
20
30
40
50
60
70
0
5
10
15
20
25
30
35
40
45
50
Temperature (
oC)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
Package Dimensions:
Spectral Performance:
Oplink custom designs and manufactures high performance fiber optic networking components and
integrated optical modules. Oplink can provide a remarkable range of customized optical solutions to
meet your specific design needs. By combining our technical expertise with our extensive micro-optic
manufacturing and packaging capability, your volume requirements for components and customized
integrated products can be met. We are happy to discuss your requirements. Please contact Oplink’s
OEM Design Team or Sales Representative for ordering and price information
(510) 933-7200.
46335 Landing Parkway Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com
Polarization Insensitive
Fiber Isolator
(Single Stage)



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OIDA1310P0TPolarization Insensitive Fiber Isolator Array 1 2 OPLINK Communications Inc.
OIDS1310P001Polarization Insensitive Fiber Isolator 1 2 OPLINK Communications Inc.
OISA1310PST11Polarization Insensitive Fiber Isolator Array 1 2 OPLINK Communications Inc.
OIDS1310000311Mini Polarization Insensitive Fiber Isolator 1 2 OPLINK Communications Inc.
OISS1310PS0311Mini Polarization Insensitive Fiber Isolator 1 2 OPLINK Communications Inc.
86265PM Polarization Maintaining Fiber Assemblies 1 2 Molex Electronics Ltd.
MIOC131000311H13-port Polarization Insensitive Miniature Optical Circulators 1 2 OPLINK Communications Inc.
MIOC131004PO1H1Mini 4-Port Polarization Insensitive Optical Circulator 1 2 OPLINK Communications Inc.
ZL60304Parallel Fiber Optic Transceiver 4 + 4 x 3.125 Gbps 1 2 3 4 5 MoreZarlink Semiconductor Inc
LCP-2125A4EDRRoHS Compliant Small Form Factor Pluggable Transceiver for Fiber Channel with Digital Diagnostic Monitoring Function 1 2 3 4 5 MoreDelta Electronics, Inc.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl