Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

900-XC6DT2 Datasheet(PDF) 3 Page - MTU Onsite Energy Corporation

Part # 900-XC6DT2
Description  DIESEL ENGINE-GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

900-XC6DT2 Datasheet(HTML) 3 Page - MTU Onsite Energy Corporation

  900-XC6DT2 Datasheet HTML 1Page - MTU Onsite Energy Corporation 900-XC6DT2 Datasheet HTML 2Page - MTU Onsite Energy Corporation 900-XC6DT2 Datasheet HTML 3Page - MTU Onsite Energy Corporation 900-XC6DT2 Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
/// /
900-XC6dt2
//
Engine
Manufacturer
MTU Detroit Diesel
Model
16V-2000 G84
Type
4-Cycle
Arrangement
16-V
Displacement: Cu In (lit)
1,943 (31.8)
Bore: in (cm)
5.1 (13)
Stroke: in (cm)
5.9 (15)
Compression Ratio
16:1
Rated RPM
1,800
Engine Governor
ADEC
Max Power: Standby: bhp (kWm)
1,495 (1,115)
Max Power: Prime: bhp (kWm)
1,354 (1,010)
Regulation
±.25%
Frequency
60 Hz
Air Cleaner
Dry
//
Liquid Capacity (Lubrication)
Total Oil System: gal (lit)
26.9 (102)
Engine Jacket Water Capacity: gal (lit)
34.3 (130)
After Cooler Water Capacity: gal (lit)
5.3 (20)
System Coolant Capacity: gal (lit)
105.6 (400)
//
Electrical
Electric Volts DC
24
Cold Cranking Amps Under 0°F (-17.8°C)
1,900
//
Fuel System
Fuel Supply Connection Size
3/4” NPT
Fuel Return Connection Size
1/4” NPT
Maximum Fuel Lift: ft (m)
10 (3)
Recommended Fuel
Diesel #2
Total Fuel Flow: gal/hr (lit/hr)
127 (480)
//
Fuel Consumption
STANDBY
PRIME
At 100% of Power Rating: gal/hr (lit/hr)
65.2 (247)
60.2 (228)
At 75% of Power Rating: gal/hr( lit/hr)
51.3 (194)
46 (174)
At 50% of Power Rating: gal/hr (lit/hr)
33.4 (126)
30.5 (115)
//
Cooling - radiator System
STANDBY
PRIME
Ambient Capacity of Radiator: °F (°C)
122 (50)
122 (50)
Max. Restriction of Cooling Air, Intake,
and Discharge Side of Rad.: in. H
20 (kPa)
0.5 (0.12)
0.5 (0.12)
Water Pump Capacity: gpm (lit/min)
220 (833)
220 (833)
After Cooler Pump
Capacity: gpm (lit/min)
68 (258)
68 (258)
Heat Rejection to Coolant: BTUM (kW)
25,023 (440) 23,317 (410)
Heat Rejection to After Cooler: BTUM (kW) 16,492 (290) 14,786 (260)
Heat Radiated to Ambient: BTUM (kW)
5,538 (97)
5,258 (92.5)
//
Air requirements
STANDBY
PRIME
Aspirating: *SCFM (m3/min)
2,755 (78)
2,543 (72)
Air Flow Required for Rad.
Cooled Unit: *SCFM (m3/min)
40,006 (1,133) 40,006 (1,133)
Air Flow Required for Heat
Exchanger/Remote Rad. based
on 25°F Rise: *SCFM (m3/min)
12,490 (356) 11,859 (338)
* Air density = 0.0739 lbm/ft3 (1.184 kg/m3)
//
Exhaust System
STANDBY
PRIME
Gas Temp. (Stack): °F (°C)
1,085 (585)
1,058 (570)
Gas Volume at Stack
Temp: CFM (m3/min)
6,992 (198)
6,569 (186)
Maximum Allowable
Back Pressure: in. H
20 (kPa)
34.1 (8.5)
34.1 (8.5)
APPLICATION DATA


Similar Part No. - 900-XC6DT2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
900-010NF25-1P1 GLENAIR-900-010NF25-1P1 Datasheet
244Kb / 1P
   Receptacle, Flange Mount
900-011NF25-1P1 GLENAIR-900-011NF25-1P1 Datasheet
240Kb / 1P
   Receptacle, Cable Connecting
900-012NF225-1P1 GLENAIR-900-012NF225-1P1 Datasheet
288Kb / 2P
   Receptacle, Flange Mount
900-014NF25-1P1 GLENAIR-900-014NF25-1P1 Datasheet
309Kb / 2P
   Receptacle, Jam-Nut Mount
900-016NF25-1P1 GLENAIR-900-016NF25-1P1 Datasheet
241Kb / 1P
   Connector Assembly, Plug
More results

Similar Description - 900-XC6DT2

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
300-XC6DT3 MTU-300-XC6DT3 Datasheet
466Kb / 4P
   DIESEL ENGINE-GENERATOR SET
350-XC6DT3 MTU-350-XC6DT3 Datasheet
467Kb / 4P
   DIESEL ENGINE-GENERATOR SET
375-JC6DT3 MTU-375-JC6DT3 Datasheet
469Kb / 4P
   DIESEL ENGINE-GENERATOR SET
450-XS6DT3 MTU-450-XS6DT3 Datasheet
444Kb / 4P
   Diesel Engine-Generator Set
1000-XC6DT2 MTU-1000-XC6DT2 Datasheet
392Kb / 4P
   DIESEL ENGINE-GENERATOR SET
60-JC6DT3 MTU-60-JC6DT3 Datasheet
370Kb / 4P
   DIESEL ENGINE-GENERATOR SET
275-XC6DT3 MTU-275-XC6DT3 Datasheet
449Kb / 4P
   DIESEL ENGINE-GENERATOR SET
20-JS6DT4 MTU-20-JS6DT4 Datasheet
334Kb / 4P
   Diesel Engine-Generator Set
50-JS6DT3 MTU-50-JS6DT3 Datasheet
366Kb / 4P
   Diesel Engine-Generator Set
230-JC6DT3 MTU-230-JC6DT3 Datasheet
491Kb / 4P
   DIESEL ENGINE-GENERATOR SET
230-JS6DT3 MTU-230-JS6DT3 Datasheet
432Kb / 4P
   Diesel Engine-Generator Set
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com