Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6294 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N6294
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N6294 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N6294 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6294 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6294 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Power Transistors
2N6294 2N6295
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6294
60
V(BR)CEO
Collector-emitter
breakdown voltage
2N6295
IC=50mA ; IB=0
80
V
VCEsat-1
Collector-emitter saturation voltage
IC=2A ;IB=8mA
2.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=4A ;IB=40mA
3.0
V
VBEsat
Base-emitter saturation voltage
IC=4A ;IB=40mA
4.0
V
VBE
Base -emitter on voltage
IC=2A ; VCE=3V
2.8
V
ICEX
Collector cut-off current
VCE=RatedVCE;VBE(off)=1.5V
TC=150℃
0.5
5.0
mA
ICEO
Collector cut-off current
VCE=1/2Rated VCEO; IB=0
0.5
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
2.0
mA
hFE-1
DC current gain
IC=2A ; VCE=3V
750
18000
hFE-2
DC current gain
IC=4A ; VCE=3V
100
fT
Transition frequency
IC=1.5A ; VCE=3V;f=1.0MHz
4.0
MHz
COB
Output capacitance
IE=0 ; VCB=10V;f=0.1MHz
120
pF


Similar Part No. - 2N6294

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N6294 CENTRAL-2N6294 Datasheet
66Kb / 1P
   COMPLEMENTARY SILICON DARLINGTONl
2N6294 CENTRAL-2N6294 Datasheet
51Kb / 1P
   Power Transistors
logo
Savantic, Inc.
2N6294 SAVANTIC-2N6294 Datasheet
211Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N6294 ISC-2N6294 Datasheet
185Kb / 4P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N6294 NJSEMI-2N6294 Datasheet
106Kb / 1P
   NPN DARLINGTON TRANSISTOR
More results

Similar Description - 2N6294

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com