Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230-JS6DT3 Datasheet(PDF) 3 Page - MTU Onsite Energy Corporation

Part # 230-JS6DT3
Description  Diesel Engine-Generator Set
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

230-JS6DT3 Datasheet(HTML) 3 Page - MTU Onsite Energy Corporation

  230-JS6DT3 Datasheet HTML 1Page - MTU Onsite Energy Corporation 230-JS6DT3 Datasheet HTML 2Page - MTU Onsite Energy Corporation 230-JS6DT3 Datasheet HTML 3Page - MTU Onsite Energy Corporation 230-JS6DT3 Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
/// /
230-JS6dt3
//
Engine
Manufacturer
John Deere
Model
6090HF485
Type
4-Cycle
Arrangement
6-Inline
Displacement: Cu In (lit)
548 (9)
Bore: in (cm)
4.66 (11.8)
Stroke: in (cm)
5.35 (13.6)
Compression Ratio
16:1
Rated RPM
1,800
Engine Governor
JDEC
Max Power: Standby: bhp (kWm)
422 (315)
Regulation
±.25%
Frequency
60 Hz
Air Cleaner
Dry
//
Liquid Capacity (Lubrication)
Total Oil System: gal (lit)
10.6 (40)
Engine Jacket Water Capacity: gal (lit)
4.3 (16.2)
System Coolant Capacity: gal (lit)
12.75 48.3)
//
Electrical
Electric Volts DC
12
Cold Cranking Amps Under 0°F (-17.8°C)
1,100
//
Fuel System
Fuel Supply Connection Size
1/2” NPT
Fuel Return Connection Size
1/2” NPT
Maximum Fuel Lift: ft (m)
6 (2)
Recommended Fuel
Diesel #2
Total Fuel Flow: gal/hr (lit/hr)
63.4 (240)
//
Fuel Consumption
At 100% of Power Rating: gal/hr (lit/hr)
16.3 (61.7)
At 75% of Power Rating: gal/hr( lit/hr)
12.4 (47)
At 50% of Power Rating: gal/hr (lit/hr)
8.6 (32.6)
//
Cooling - radiator System
Ambient Capacity of Radiator: °F (°C)
122 (50)
Max. Restriction of Cooling Air, Intake,
and Discharge Side of Rad.: in. H
20 (kPa)
0.5 (0.12)
Water Pump Capacity: gpm (lit/min)
74 (280)
Heat Rejection to Coolant: BTUM (kW)
7,001 (123)
Heat Radiated to Air to Air: BTUM (kW)
4,309 (76)
Heat Radiated to Ambient: BTUM (kW)
1,487 (26)
//
Air requirements
Aspirating: *SCFM (m3/min)
802 (22.7)
Air Flow Required for Rad.
Cooled Unit: *SCFM (m3/min)
23,247 (658)
Air Flow Required for Heat
Exchanger/Remote Rad. based
on 25°F Rise: *SCFM (m3/min)
3,353 (96)
* Air density = 0.0739 lbm/ft3 (1.184 kg/m3)
//
Exhaust System
Gas Temp. (Stack): °F (°C)
882 (472)
Gas Volume at Stack
Temp: CFM (m3/min)
1,930 (55)
Maximum Allowable
Back Pressure: in. H
20 (kPa)
40 (10)
aPPlication Data


Similar Part No. - 230-JS6DT3

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
230-JC6DT3 MTU-230-JC6DT3 Datasheet
491Kb / 4P
   DIESEL ENGINE-GENERATOR SET
More results

Similar Description - 230-JS6DT3

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
300-XC6DT3 MTU-300-XC6DT3 Datasheet
466Kb / 4P
   DIESEL ENGINE-GENERATOR SET
350-XC6DT3 MTU-350-XC6DT3 Datasheet
467Kb / 4P
   DIESEL ENGINE-GENERATOR SET
375-JC6DT3 MTU-375-JC6DT3 Datasheet
469Kb / 4P
   DIESEL ENGINE-GENERATOR SET
450-XS6DT3 MTU-450-XS6DT3 Datasheet
444Kb / 4P
   Diesel Engine-Generator Set
1000-XC6DT2 MTU-1000-XC6DT2 Datasheet
392Kb / 4P
   DIESEL ENGINE-GENERATOR SET
60-JC6DT3 MTU-60-JC6DT3 Datasheet
370Kb / 4P
   DIESEL ENGINE-GENERATOR SET
275-XC6DT3 MTU-275-XC6DT3 Datasheet
449Kb / 4P
   DIESEL ENGINE-GENERATOR SET
20-JS6DT4 MTU-20-JS6DT4 Datasheet
334Kb / 4P
   Diesel Engine-Generator Set
50-JS6DT3 MTU-50-JS6DT3 Datasheet
366Kb / 4P
   Diesel Engine-Generator Set
230-JC6DT3 MTU-230-JC6DT3 Datasheet
491Kb / 4P
   DIESEL ENGINE-GENERATOR SET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com