Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5954 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N5954
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N5954 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N5954 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N5954 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N5954 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon PNP Power Transistors
2N5954 2N5955 2N5956
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N5954
80
2N5955
60
VCEO(sus)
Collector-emitter
sustaining voltage
2N5956
IC=0.1A ;IB=0
40
V
2N5954
IC=2A; IB=0.2A
2N5955
IC=2.5A; IB=0.25A
VCEsat
Collector-emitter
saturation voltage
2N5956
IC=3A; IB=0.3A
1.0
V
2N5954
IC=2A ; VCE=4V
2N5955
IC=2.5A ; VCE=4V
VBE-1
Base-emitter on voltage
2N5956
IC=3A ; VCE=4V
2.0
V
VBE-2
Base-emitter on voltage
IC=6A ; VCE=4V
3.0
V
2N5954
VCE=65V; IB=0
2N5955
VCE=45V; IB=0
ICEO
Collector cut-off current
2N5956
VCE=25V; IB=0
1.0
mA
ICEV
Collector cut-off current(RBE=100Ω)
VCE=Rated VCE; VBE(off)=1.5V
TC=150℃
0.1
2.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
0.1
mA
2N5954
IC=2A ; VCE=4V
2N5955
IC=2.5A ; VCE=4V
hFE-1
DC current gain
2N5956
IC=3A ; VCE=4V
20
100
hFE-2
DC current gain
IC=6A ; VCE=4V
5
fT
Transition frequency
IC=1A;VCE=4V;f=1.0MHz
5
MHz


Similar Part No. - 2N5954

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N5954 CENTRAL-2N5954 Datasheet
114Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
2N5954 CENTRAL-2N5954 Datasheet
51Kb / 1P
   Power Transistors
logo
Savantic, Inc.
2N5954 SAVANTIC-2N5954 Datasheet
123Kb / 3P
   Silicon PNP Power Transistors
logo
Seme LAB
2N5954 SEME-LAB-2N5954 Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
logo
Inchange Semiconductor ...
2N5954 ISC-2N5954 Datasheet
140Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - 2N5954

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com