Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5881 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N5881
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N5881 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N5881 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N5881 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N5881 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Power Transistors
2N5881 2N5882
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N5881
60
VCEO(sus)
Collector-emitter sustaining
voltage
2N5882
IC=0.2A ;IB=0
80
V
VCEsat-1
Collector-emitter saturation voltage
IC=7A;IB=0.7A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=15A;IB=3.75A
4.0
V
VBEsat
Collector-emitter saturation voltage
IC=15A;IB=3.75A
2.5
V
VBE
Collector-emitter on voltage
IC=6A ; VCE=4V
1.5
V
ICBO
Collector cut-off current
VCB=ratedVCBO; IB=0
0.5
mA
2N5881
VCE=30V; IB=0
ICEO
Collector cut-off current
2N5882
VCE=40V; IB=0
1.0
mA
ICEX
Collector cut-off current
VCE=ratedVCE; VBE=1.5V
TC=150℃
0.5
5.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
hFE-1
DC current gain
IC=2A ; VCE=4V
35
hFE-2
DC current gain
IC=6A ; VCE=4V
20
100
hFE-3
DC current gain
IC=15A ; VCE=4V
4
fT
Trainsistion frequency
IC=1A ; VCE=10V
4
MHz


Similar Part No. - 2N5881

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5881 MOSPEC-2N5881 Datasheet
180Kb / 4P
   POWER TRANSISTORS(15A,160W)
logo
Boca Semiconductor Corp...
2N5881 BOCA-2N5881 Datasheet
186Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
List of Unclassifed Man...
2N5881 ETC-2N5881 Datasheet
347Kb / 8P
   Power Transistors
logo
Savantic, Inc.
2N5881 SAVANTIC-2N5881 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
Seme LAB
2N5881 SEME-LAB-2N5881 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
More results

Similar Description - 2N5881

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com