Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150-JS6DT3 Datasheet(PDF) 2 Page - MTU Onsite Energy Corporation

Part # 150-JS6DT3
Description  Diesel Engine-Generator Set
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

150-JS6DT3 Datasheet(HTML) 2 Page - MTU Onsite Energy Corporation

  150-JS6DT3 Datasheet HTML 1Page - MTU Onsite Energy Corporation 150-JS6DT3 Datasheet HTML 2Page - MTU Onsite Energy Corporation 150-JS6DT3 Datasheet HTML 3Page - MTU Onsite Energy Corporation 150-JS6DT3 Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
/// /
150-JS6dt3
//
Engine
Air Cleaner
Oil Pump
Full Flow Oil Filter
Jacket Water Pump
Thermostats
Exhaust Manifold – Dry
Blower Fan & Fan Drive
Radiator - Unit Mounted
Electric Starting Motor - 12V
Governor – Electric Isochronous
Base - Formed Steel
SAE Flywheel & Bell Housing
Charging Alternator - 12V
Battery Box & Cables
Flexible Fuel Connectors
Flexible Exhaust Connection
EPA Certified Engine
//
generator
NEMA MG1, IEEE and ANSI standards compliance for temperature rise
and motor starting
Sustained short circuit current of up to 300% of the rated current for up
to 10 seconds
Self-Ventilated and Drip-Proof
Superior Voltage Waveform
Digital, Solid State, Volts-per-Hertz Regulator
No Load to Full Load Regulation
Brushless Alternator with Brushless Pilot Exciter
4 Pole, Rotating Field
130°C Standby Temperature Rise
1 Bearing, Sealed
Flexible Coupling
Full Amortisseur Windings
125% Rotor Balancing
3-Phase Voltage Sensing
±1% Voltage Regulation
100% of Rated Load - One Step
3% Maximum Harmonic Content
//
digital Control panel(s)
Digital Metering
Engine Parameters
Generator Protection Functions
Engine Protection
SAE J1939 Engine ECU Communications
Windows-Based Software
Multilingual Capability
Remote Communications to our RDP-110 Remote Annunciator
16 Programmable Contact Inputs
7 Contact Outputs
UL Recognized,
, CE Approved
Event Recording
IP 54 Front Panel Rating with Integrated Gasket
NFPA110 Level Compatible
//
Additional Features
Oil Drain Extension & S/O Valve
Flexible Fuel Connector
Battery Cables
Vibration Isolation Pads
Jacket Water Heater: -20º F
Mainline Circuit Breaker
UL2200 Listed
Steel Sub-Base
Radiator Duct Flange (OPU)
Lube Oil & Antifreeze
Operator’s and Owner’s Manual
2 Year/3000 Hour Warranty
Factory Tested at 0.8 PF (3 PH)
//
optional Features
Battery Charger: 6 Amp or 10 Amp
Battery: 12 Volt w/ Rack
Circuit Breaker: Standard or 100%
Muffler (OPU only)
Sub-Base Fuel Tank w/ Electrical Stub-Up Area
Weatherproof Enclosure
Sound Attenuation
- 1 1/2” Foam
- Sound Scoops
Remote Annunciator
Isochronous Governor
stanDarD eQUiPMent


Similar Part No. - 150-JS6DT3

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
150-JC6DT3 MTU-150-JC6DT3 Datasheet
391Kb / 4P
   DIESEL ENGINE-GENERATOR SET
More results

Similar Description - 150-JS6DT3

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
300-XC6DT3 MTU-300-XC6DT3 Datasheet
466Kb / 4P
   DIESEL ENGINE-GENERATOR SET
350-XC6DT3 MTU-350-XC6DT3 Datasheet
467Kb / 4P
   DIESEL ENGINE-GENERATOR SET
375-JC6DT3 MTU-375-JC6DT3 Datasheet
469Kb / 4P
   DIESEL ENGINE-GENERATOR SET
450-XS6DT3 MTU-450-XS6DT3 Datasheet
444Kb / 4P
   Diesel Engine-Generator Set
1000-XC6DT2 MTU-1000-XC6DT2 Datasheet
392Kb / 4P
   DIESEL ENGINE-GENERATOR SET
60-JC6DT3 MTU-60-JC6DT3 Datasheet
370Kb / 4P
   DIESEL ENGINE-GENERATOR SET
275-XC6DT3 MTU-275-XC6DT3 Datasheet
449Kb / 4P
   DIESEL ENGINE-GENERATOR SET
20-JS6DT4 MTU-20-JS6DT4 Datasheet
334Kb / 4P
   Diesel Engine-Generator Set
50-JS6DT3 MTU-50-JS6DT3 Datasheet
366Kb / 4P
   Diesel Engine-Generator Set
230-JC6DT3 MTU-230-JC6DT3 Datasheet
491Kb / 4P
   DIESEL ENGINE-GENERATOR SET
230-JS6DT3 MTU-230-JS6DT3 Datasheet
432Kb / 4P
   Diesel Engine-Generator Set
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com