Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE11A Datasheet(PDF) 2 Page - SynSemi, Inc.

Part # P4KE11A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

P4KE11A Datasheet(HTML) 2 Page - SynSemi, Inc.

  P4KE11A Datasheet HTML 1Page - SynSemi, Inc. P4KE11A Datasheet HTML 2Page - SynSemi, Inc. P4KE11A Datasheet HTML 3Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25°C ambient temperature unless otherwise specified
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(% /°C)
P4KE6.8A
P4KE6.8CA
6.45
7.14
10
5.80
1000
40.0
10.5
0.057
P4KE7.5A
P4KE7.5CA
7.13
7.88
10
6.40
500
37.0
11.3
0.061
P4KE8.2A
P4KE8.2CA
7.79
8.61
10
7.02
200
35.0
12.1
0.065
P4KE9.1A
P4KE9.1CA
8.65
9.55
1.0
7.78
50
31.0
13.4
0.068
P4KE10A
P4KE10CA
9.50
10.5
1.0
8.55
10
29.0
14.5
0.073
P4KE11A
P4KE11CA
10.5
11.6
1.0
9.40
5.0
27.0
15.6
0.075
P4KE12A
P4KE12CA
11.4
12.6
1.0
10.2
5.0
25.0
16.7
0.078
P4KE13A
P4KE13CA
12.4
13.7
1.0
11.1
5.0
23.0
18.2
0.081
P4KE15A
P4KE15CA
14.3
15.8
1.0
12.8
5.0
20.0
21.2
0.084
P4KE16A
P4KE16CA
15.2
16.8
1.0
13.6
5.0
19.0
22.5
0.086
P4KE17A
P4KE17CA
16.2
17.9
1.0
14.5
5.0
18.0
24.0
0.087
P4KE18A
P4KE18CA
17.1
18.9
1.0
15.3
5.0
17.0
25.5
0.088
P4KE20A
P4KE20CA
19.0
21.0
1.0
17.1
5.0
15.0
27.7
0.090
P4KE22A
P4KE22CA
20.9
23.1
1.0
18.8
5.0
14.0
30.6
0.092
P4KE24A
P4KE24CA
22.8
25.2
1.0
20.5
5.0
13.0
33.2
0.094
P4KE27A
P4KE27CA
25.7
28.4
1.0
23.1
5.0
11.2
37.5
0.096
P4KE30A
P4KE30CA
28.5
31.5
1.0
25.6
5.0
10.0
41.4
0.097
P4KE33A
P4KE33CA
31.4
34.7
1.0
28.2
5.0
9.0
45.7
0.098
P4KE36A
P4KE36CA
34.2
37.8
1.0
30.8
5.0
8.4
49.9
0.099
P4KE39A
P4KE39CA
37.1
41.0
1.0
33.3
5.0
7.8
53.9
0.100
P4KE43A
P4KE43CA
40.9
45.2
1.0
36.8
5.0
7.1
59.3
0.101
P4KE47A
P4KE47CA
44.7
49.4
1.0
40.2
5.0
6.5
64.8
0.101
P4KE51A
P4KE51CA
48.5
53.6
1.0
43.6
5.0
6.0
70.1
0.102
P4KE56A
P4KE56CA
53.2
58.8
1.0
47.8
5.0
5.5
77.0
0.103
P4KE62A
P4KE62CA
58.9
65.1
1.0
53.0
5.0
5.0
85.0
0.104
P4KE68A
P4KE68CA
64.6
71.4
1.0
58.1
5.0
4.6
92.0
0.104
P4KE75A
P4KE75CA
71.3
78.8
1.0
64.1
5.0
4.1
103
0.105
P4KE82A
P4KE82CA
77.9
86.1
1.0
70.1
5.0
3.7
113
0.105
P4KE91A
P4KE91CA
86.5
95.5
1.0
77.8
5.0
3.4
125
0.106
P4KE100A
P4KE100CA
95.0
105
1.0
85.5
5.0
3.1
137
0.106
P4KE110A
P4KE110CA
105
116
1.0
94.0
5.0
2.8
152
0.107
P4KE120A
P4KE120CA
114
126
1.0
102
5.0
2.5
165
0.107
P4KE130A
P4KE130CA
124
137
1.0
111
5.0
2.3
179
0.107
P4KE150A
P4KE150CA
143
158
1.0
128
5.0
2.0
207
0.108
P4KE160A
P4KE160CA
152
168
1.0
136
5.0
1.9
219
0.108
P4KE170A
P4KE170CA
162
179
1.0
145
5.0
1.8
234
0.108
P4KE180A
P4KE180CA
171
189
1.0
154
5.0
1.7
246
0.108
P4KE200A
P4KE200CA
190
210
1.0
171
5.0
1.53
274
0.108
P4KE220A
P4KE220CA
209
231
1.0
185
5.0
1.22
328
0.108
P4KE250A
P4KE250CA
237
263
1.0
214
5.0
1.16
344
0.110
P4KE300A
P4KE300CA
285
315
1.0
256
5.0
0.97
414
0.110
P4KE350A
P4KE350CA
332
368
1.0
300
5.0
0.83
482
0.110
P4KE400A
P4KE400CA
380
420
1.0
342
5.0
0.73
548
0.110
P4KE440A
P4KE440CA
418
462
1.0
376
5.0
1.00
602
0.110
P4KE550A
P4KE550CA
522
577
1.0
470
5.0
0.53
754
0.110
Notes:
(1) VBR measured after It applied for 300
µs., It = square wave pulse or equivalent.
(2) VF = 3.5 Vmax., IF = 25 Amps. ( 6.8 Volts thru 91Volts )
VF = 5.0 Vmax., IF = 25 Amps. ( 100 Volts thru 550 Volts ) per 1/2 square or equivalent sine wave.
PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
(3) For Bipolar types having VR of 10 Volts and under, the IR limit is doubled.
(4) "4KE" will be omitted in marking on the diode.
Page 2 of 3
Rev. 02 : January 28, 2004
Breakdown Voltage @ It
Type No.
Uni-directional
Bi-directional


Similar Part No. - P4KE11A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
P4KE11A DIOTECH-P4KE11A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
P4KE11A UNSEMI-P4KE11A Datasheet
3Mb / 7P
   6.8 To 600V 400W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Pan Jit International I...
P4KE11A PANJIT-P4KE11A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Zowie Technology Corpor...
P4KE11A ZOWIE-P4KE11A Datasheet
180Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
P4KE11A RUILON-P4KE11A Datasheet
891Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P4KE11A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com