Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR5505 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # SR5505
Description  418.00 MHz One Port SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SR5505 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  SR5505 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SR5505 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
418.00 MHz One Port SAW Resonator
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2004 by Vanlong Technology Co., Ltd.
SR5505
Ideal for 418.00 MHz Transmitters
Very Low Insertion Loss
Quartz Stability
Ultra Miniature Ceramic SMD Package (QCC8C)
Absolute Maximum Rating (Ta=25
°C)
Parameter
Rating
Unit
CW RF Power Dissipation
P
0
dBm
DC Voltage
VDC
±30
V
Operating Temperature Range
TA
-10 ~ +60
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Electronic Characteristics
Parameter
Sym
Minimum
Typical
Maximum
Unit
Frequency (25
°C)
Nominal Frequency
Tolerance from 418.00 MHz
fc
f
c
NS
-
418.00
-
NS
± 75
MHz
KHz
Insertion Loss
IL
-
1.6
2.0
dB
Quality Factor
Unloaded Q-Value
50
Ω Loaded Q-Value
Qu
Q
L
-
-
11,400
1,900
-
-
-
-
Temperature Stability
Turnover Temperature
Turnover Frequency
Frequency Temperature Coefficient
To
fo
FTC
25
-
-
-
fc
0.032
55
-
-
°C
KHz
ppm/
°C2
Frequency Aging
Absolute Value during the First Year
|f
A|
-
-
10
ppm/yr
DC Insulation Resistance Between any Two Pins
-
1.0
-
-
M
RF Equivalent RLC Model
Motional Resistance
Motional Inductance
Motional Capacitance
Shunt Static Capacitance
R
M
L
M
C
M
Co
-
-
-
1.7
20
86.8558
1.6708
2.0
26
-
-
2.3
µH
fF
pF
NS = Not Specified
Note:
1.
The frequency fc is the frequency of minimum IL with the resonator
in the specified test fixture in a 50
Ω test system with VSWR ≤ 1.2:1.
2.
Unless noted otherwise, case temperature TC = +25°C±2°C.
3.
Frequency aging is the change in fC with time and is specified at
+65°C or less. Aging may exceed the specification for prolonged
temperatures above +65°C. Typically, aging is greatest the first year
after manufacture, decreasing in subsequent years.
4.
Turnover temperature, T0, is the temperature of maximum (or
turnover) frequency, f0. The nominal frequency at any case
temperature, TC, may be calculated from: f = fo [1 - FTC (TO - TC)
2].
5.
This equivalent RLC model approximates resonator performance
near the resonant frequency and is provided for reference only. The
capacitance CO is the measured static (nonmotional) capacitance
between input terminal and ground or output terminal and ground.
The measurement includes case parasitic capacitance.
6.
Derived mathematically from one or more of the following directly
measured parameters: fc, IL, 3 dB bandwidth, fC versus TC, and Co.
7.
The specifications of this device are based on the test circuit shown
above and subject to change or obsolescence without notice.
8.
Typically, equipment utilizing this device requires emissions testing
and government approval, which is the responsibility of the
equipment manufacturer.
9.
Our liability is only assumed for the Surface Acoustic Wave (SAW)
component(s) per se, not for applications, processes and circuits
implemented within components or assemblies.
10. For questions on technology, prices and delivery, please contact our
sales offices or e-mail to sales@vanlong.com.
SR5505


Similar Part No. - SR5505

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR550 WTE-SR550 Datasheet
50Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SR550 ZSELEC-SR550 Datasheet
98Kb / 2P
   5.0A SCHOTTKY BARRIER DIODE
logo
Jinan Jingheng (Group) ...
SR550 JINANJINGHENG-SR550 Datasheet
75Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Won-Top Electronics
SR550 WTE-SR550 Datasheet
43Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
September, 2012
logo
Formosa MS
SR550 FORMOSA-SR550 Datasheet
128Kb / 6P
   5.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
More results

Similar Description - SR5505

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SR418 VANLONG-SR418 Datasheet
89Kb / 2P
   418.00 MHz One-Port SAW Resonator
SR418B VANLONG-SR418B Datasheet
88Kb / 2P
   418.00 MHz One-Port SAW Resonator
SR5504 VANLONG-SR5504 Datasheet
85Kb / 2P
   418.00 MHz One Port SAW Resonator
SQ418 VANLONG-SQ418 Datasheet
121Kb / 2P
   418.00 MHz Two-Port SAW Resonator
logo
List of Unclassifed Man...
SR315 ETC-SR315 Datasheet
86Kb / 2P
   315.00 MHz One-Port SAW Resonator
logo
Vanlong Technology Co.,...
SR916 VANLONG-SR916 Datasheet
91Kb / 2P
   916.50 MHz One-Port SAW Resonator
SR930 VANLONG-SR930 Datasheet
88Kb / 2P
   930.50 MHz One-Port SAW Resonator
SR5411 VANLONG-SR5411 Datasheet
84Kb / 2P
   311.063 MHz One Port SAW Resonator
SR5419 VANLONG-SR5419 Datasheet
94Kb / 2P
   318.00 MHz One Port SAW Resonator
SR5425 VANLONG-SR5425 Datasheet
92Kb / 2P
   345.00 MHz One Port SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com