Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC1549C Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC1549C
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC1549C Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC1549C Datasheet HTML 5Page - Texas Instruments TLC1549C Datasheet HTML 6Page - Texas Instruments TLC1549C Datasheet HTML 7Page - Texas Instruments TLC1549C Datasheet HTML 8Page - Texas Instruments TLC1549C Datasheet HTML 9Page - Texas Instruments TLC1549C Datasheet HTML 10Page - Texas Instruments TLC1549C Datasheet HTML 11Page - Texas Instruments TLC1549C Datasheet HTML 12Page - Texas Instruments TLC1549C Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TLC1549C, TLC1549I, TLC1549M
10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS059C – DECEMBER 1992 – REVISED MARCH 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range,
VCC = Vref+ = 4.5 V to 5.5 V, I/O CLOCK frequency = 2.1 MHz
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
EL
Linearity error (see Note 6)
±1
LSB
EZS
Zero-scale error (see Note 7)
See Note 2
±1
LSB
EFS
Full-scale error (see Note 7)
See Note 2
±1
LSB
Total unadjusted error (see Note 8)
±1
LSB
tconv
Conversion time
See Figures 6 – 10
21
µs
tc
Total cycle time (access, sample, and conversion)
See Figures 6 – 10,
See Note 9
21
+ 10 I/O
CLOCK
periods
µs
tv
Valid time, DATA OUT remains valid after I/O CLOCK
See Figure 5
10
ns
td(I/O-DATA)
Delay time, I/O CLOCK
↓ to DATA OUT valid
See Figure 5
240
ns
tPZH, tPZL
Enable time, CS
↓ to DATA OUT (MSB driven)
See Figure 3
1.3
µs
tPHZ, tPLZ
Disable time, CS
↑ to DATA OUT (high impedance)
See Figure 3
180
ns
tr(bus)
Rise time, data bus
See Figure 5
300
ns
tf(bus)
Fall time, data bus
See Figure 5
300
ns
td(I/O-CS)
Delay time, tenth I/O CLOCK
↓ to CS↓ to abort conversion
(see Note 10)
9
µs
NOTES:
2. Analog input voltages greater than that applied to REF + convert as all ones (1111111111), while input voltages less than that applied
to REF – convert as all zeros (0000000000). The TLC1549 is functional with reference voltages down to 1 V (Vref + – Vref –); however,
the electrical specifications are no longer applicable.
6. Linearity error is the maximum deviation from the best straight line through the A / D transfer characteristics.
7. Zero error is the difference between 0000000000 and the converted output for zero input voltage; full-scale error is the difference
between 1111111111 and the converted output for full-scale input voltage.
8. Total unadjusted error comprises linearity, zero, and full-scale errors.
9. I/O CLOCK period = 1/(I/O CLOCK frequency). Sampling begins on the falling edge of the third I/O CLOCK, continues for seven
I/O CLOCK periods, and ends on the falling edge of the 10th I/O CLOCK (see Figure 5).
10. Any transitions of CS are recognized as valid only if the level is maintained for a minimum of a setup time plus two falling edges of
the internal clock (1.425
µs) after the transition.


Similar Part No. - TLC1549C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1549C TI1-TLC1549C Datasheet
257Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549CD TI1-TLC1549CD Datasheet
254Kb / 17P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549CD TI1-TLC1549CD Datasheet
257Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549CDG4 TI1-TLC1549CDG4 Datasheet
254Kb / 17P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549CDG4 TI1-TLC1549CDG4 Datasheet
257Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results

Similar Description - TLC1549C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549IPE4 TI1-TLC1549IPE4 Datasheet
254Kb / 17P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549 TI1-TLV1549 Datasheet
596Kb / 19P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI-TLV1549C Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI1-TLC1549C_14 Datasheet
257Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com