Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL3845DR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL3845DR
Description  CURRENT-MODE PWM CONTROLLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3845DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL3845DR Datasheet HTML 4Page - Texas Instruments TL3845DR Datasheet HTML 5Page - Texas Instruments TL3845DR Datasheet HTML 6Page - Texas Instruments TL3845DR Datasheet HTML 7Page - Texas Instruments TL3845DR Datasheet HTML 8Page - Texas Instruments TL3845DR Datasheet HTML 9Page - Texas Instruments TL3845DR Datasheet HTML 10Page - Texas Instruments TL3845DR Datasheet HTML 11Page - Texas Instruments TL3845DR Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TL284x, TL384x
CURRENT-MODE PWM CONTROLLERS
SLVS038E – JANUARY 1989 – REVISED DECEMBER 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC = 15 V (see Note 4), RT= 10 k, CT = 3.3 nF, TA = 25°C (unless otherwise
specified) (continued)
pulse-width-modulator section
PARAMETER
TL384xY
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
Maximum duty cycle
TL3842Y, TL3843Y
97%
Maximum duty cycle
TL3844Y, TL3845Y
48%
NOTE 4: Adjust VCC above the start threshold before setting it to 15 V.
supply voltage
PARAMETER
TEST CONDITIONS
TL384xY
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start-up current
0.5
1
mA
Operating supply current
VFB and ISENSE at 0 V
11
17
mA
Limiting voltage
ICC = 25 mA
34
V
NOTE 4: Adjust VCC above the start threshold before setting it to 15 V.


Similar Part No. - TL3845DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3845DR TI-TL3845DR Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL3845DR TI-TL3845DR Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL3845DR TI-TL3845DR Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL3845DR-8 TI-TL3845DR-8 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL3845DR-8 TI-TL3845DR-8 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - TL3845DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com