Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MWDMG1514002228 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # MWDMG1514002228
Description  Micro-Optic WDM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MWDMG1514002228 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  MWDMG1514002228 Datasheet HTML 1Page - OPLINK Communications Inc. MWDMG1514002228 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
MWDMG1514 Series
Min
Typical
Max
Unit
Pass Channel Wavelength Range λ1
Type 1514
1528
1610
nm
Type 1415
1440
1493
nm
Reflection Channel Wavelength
Range λ2
Type 1514
1440
1493
nm
Type 1415
1528
1610
nm
Insertion Loss *
Pass Channel @ λ1
Reflect Channel @ λ2
0.7
0.5
dB
Isolation
Reflect Channel @ λ1
Pass Channel @ λ2
14
30
dB
Passband Ripple
0.15
dB
Directivity
50
dB
Return Loss
50
dB
Polarization Dependent Loss
0.1
dB
Polarization Mode Dispersion
0.05
ps
Maximum Power Handling
500
mW
Fiber Type
Corning SMF-28
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Package Dimensions **
250 μm Bare Fiber
900 μm Loose Tube
P1: (ø) 5.5 x (L) 34.0
P2: (ø) 5.5 x (L) 40.0
mm
Applications
Performance Specificationns
Note:
* Values are referenced without connector loss.
** The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom speci-
fied.
*** The maximum IL is under all states of polarization and within the full operating temperature and
wavelength ranges specified
R03.20081118
Green 1480/1550 nm Micro-Optic WDM
MWDMG1514 Series
Oplink’s Micro-OpticWavelength Division Multiplexer (MWDM) is based on thin-
film filter technology and patented athermal platform for optical device.This de-
vice has very flat and wide passband, low insertion loss, and high isolation which
makes it ideal for combining pump (1480nm) and signal light (1550nm) in Opti-
cal Fiber Amplification Systems. The MWDM is used in high-power applications
in DWDM systems. Oplink MWDM devices are Bellcore GR-1221 qualification
tested and complied with industry green initiatives such as Rohs and WEEE. All
Oplink products are epoxy-free in the optical path. path.
Environmental Green Plan
Compliance
Wide Operating Wavelength Range
Low Insertion Loss
High Channel Isolation
Ultra Flat Wide Passband
Highly Stable & Reliable
Epoxy-free Optical Path
Fiberoptic Amplifiers
WDM Monitoring


Similar Part No. - MWDMG1514002228

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MWDMG1514 OPLINK-MWDMG1514 Datasheet
286Kb / 2P
   Micro-Optic WDM
MWDMG1514-S0029 OPLINK-MWDMG1514-S0029 Datasheet
286Kb / 2P
   Green 1480/1550 nm Micro-Optic WDM
More results

Similar Description - MWDMG1514002228

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MWDMG15981000H1 OPLINK-MWDMG15981000H1 Datasheet
278Kb / 2P
   Micro-Optic WDM
MWDMG1598 OPLINK-MWDMG1598 Datasheet
284Kb / 2P
   Micro-Optic WDM
MWDMGCR OPLINK-MWDMGCR Datasheet
286Kb / 2P
   Micro-Optic WDM
MWDMGCSU OPLINK-MWDMGCSU Datasheet
143Kb / 2P
   Micro-Optic WDM
MWDMGLSU OPLINK-MWDMGLSU Datasheet
184Kb / 2P
    Micro-Optic WDM
HWDMG OPLINK-HWDMG Datasheet
287Kb / 2P
   Micro-Optic WDM
MWDMG00500011H1 OPLINK-MWDMG00500011H1 Datasheet
276Kb / 2P
   Micro-Optic WDM
MWDMG1315 OPLINK-MWDMG1315 Datasheet
170Kb / 2P
   Micro-Optic WDM
MWDMG1514 OPLINK-MWDMG1514 Datasheet
286Kb / 2P
   Micro-Optic WDM
MWDMG0050 OPLINK-MWDMG0050 Datasheet
283Kb / 2P
   Micro-Optic WDM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com