Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVOA1550R002223 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # MVOA1550R002223
Description  Mechanical Variable Optical Attenuator Reflection Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MVOA1550R002223 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  MVOA1550R002223 Datasheet HTML 1Page - OPLINK Communications Inc. MVOA1550R002223 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Mechanical Variable Optical Attenuator
Reflection Type (MVOA-R)
MVOA
R
2
0
Mechanical Footprint (dimension in mm)
Package Type
Standard = 2
Fiber Type
Bare fiber = 1
900µm loose tube = 2
2mm cable = 3
3mm cable = 4
Fiber Length
0.5 meter = H
1.0 meter = 1
1.5 meter = 5
2.0 meter = 2
Connector
Type
None = 1
FC/PC=2
FC/SPC=3
FC/APC=4
SC/PC=5
SC/SPC=6
SC/APC=7
ST=8
LC=9
MU=A
Wavelength
1310nm=1310
1550nm=1550
1310 nm/1550nm=DUAL
Reflection Type
0
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team
or account manager for your requirements and ordering information (510) 933-7200.
46335 Landing Parkway, Fremont CA94538-6407 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com
A 5:1
A
R3.20070221


Similar Part No. - MVOA1550R002223

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MVOA1550T00311 OPLINK-MVOA1550T00311 Datasheet
202Kb / 2P
   Attenuator Through Type
MVOA1550T003111 OPLINK-MVOA1550T003111 Datasheet
228Kb / 2P
   Mini Mechanical Variable Optical Attenuator Through Type
MVOA1550T003111 OPLINK-MVOA1550T003111 Datasheet
202Kb / 2P
   Attenuator Through Type
MVOA1550T003112 OPLINK-MVOA1550T003112 Datasheet
228Kb / 2P
   Mini Mechanical Variable Optical Attenuator Through Type
MVOA1550T003112 OPLINK-MVOA1550T003112 Datasheet
202Kb / 2P
   Attenuator Through Type
More results

Similar Description - MVOA1550R002223

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MVOA1310T0031H1 OPLINK-MVOA1310T0031H1 Datasheet
228Kb / 2P
   Mini Mechanical Variable Optical Attenuator Through Type
MVOAT-S0025 OPLINK-MVOAT-S0025 Datasheet
202Kb / 2P
   Mini Mechanical Variable Optical Attenuator Through Type
UVOA OPLINK-UVOA Datasheet
126Kb / 2P
   MEMS Variable Optical Attenuator
UVOA-S0175 OPLINK-UVOA-S0175 Datasheet
126Kb / 2P
   MEMS Variable Optical Attenuator
logo
JDS Uniphase Corporatio...
ESVOA-OC620 JDSU-ESVOA-OC620 Datasheet
165Kb / 3P
   Electrostatic MEMS Variable Optical Attenuator
logo
Sharp Corporation
GP2A25 SHARP-GP2A25 Datasheet
41Kb / 3P
   Light Modulation, Reflection Type Photointerrupter
logo
RFHIC
VA101 RFHIC-VA101 Datasheet
164Kb / 2P
   Variable Attenuator
VA101 RFHIC-VA101_14 Datasheet
133Kb / 4P
   Variable Attenuator
VA103 RFHIC-VA103 Datasheet
185Kb / 3P
   Variable attenuator
VA102 RFHIC-VA102 Datasheet
189Kb / 3P
   Variable attenuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com